Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP519021 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP519021 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQP519021_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 10Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 11Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 12Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 13Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TQP519021
680
 – 920 MHz High IP3 Dual Channel Downconverter
Datasheet: Rev. D 01-06-15
- 10 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance Plots: High-side LO with Low Current Mode
Test conditions unless otherwise noted: Vcc =+5
 V, Temp. = +25 °C, HSLO, Both Channels, LO power = 0 dBm
RF
 = 820 MHz, LO = 920 MHz, IF = 140 MHz
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
- 40
°C
+25
°C
+85
°C
10
15
20
25
30
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
- 40
°C
+25
°C
+85
°C
1 MHz Tone Spacing
Pin/tone = -10 dBm
55
60
65
70
75
80
85
90
600
700
800
900
1000
1100
1200
Frequency (MHz)
Input IP2 vs. RF Frequency
- 40
°C
+25
°C
+85
°C
Pin/tone = -10 dBm
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
5.25 V
5 V
4.75 V
10
15
20
25
30
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
5.25 V
5 V
4.75 V
1 MHz Tone Spacing
Pin/tone = -10 dBm
55
60
65
70
75
80
85
90
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP2 vs. RF Frequency
5.25 V
5 V
4.75 V
Pin/tone = -10 dBm
4
5
6
7
8
9
700
750
800
850
900
RF Frequency (MHz)
Input P1dB vs. RF Frequency
0
5
10
15
20
25
30
680
720
760
800
840
880
920
RF Frequency (MHz)
RF-IF Isolation vs RF Frequency
- 40
°C
+25
°C
+85
°C
-60
-50
-40
-30
-20
700
800
900
1000
1100
1200
1300
1400
LO Frequency (MHz)
LO-IF Leakage vs LO Frequency
- 40
°C
+25
°C
+85
°C
-45
-40
-35
-30
-25
-20
700
800
900
1000
1100
1200
1300
1400
LO Frequency (MHz)
LO-RF Leakage vs LO Frequency
- 40
°C
+25
°C
+85
°C


Similar Part No. - TQP519021_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP519021-PCB TRIQUINT-TQP519021-PCB Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
More results

Similar Description - TQP519021_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP519021 TRIQUINT-TQP519021 Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
logo
Analog Devices
HMC1190ALP6NE AD-HMC1190ALP6NE Datasheet
3Mb / 63P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ Fractional-N PLL & VCO, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com