Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-000504-10720T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-000504-10720T
Description  Non Magnetic MELF PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-000504-10720T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MADP-000504-10720T_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-000504-10720T_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-000504-10720T_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-000504-10720T_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-000504-10720T_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-000504-10720T_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
1
Non Magnetic MELF PIN Diode
V1
MADP-000504-10720T
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Description
M/A-COM Technology Solutions product line of
MELF, PIN diodes, encompass a comprehensive
range of electrical characteristics. The chip used in
the MADP-000504-10720T is manufactured using
a unique, CERMACHIP, passivation process which
provides for a hard glass encapsulation that
protects and hermetically seals the active area of
the chip. This packaged, CERMACHIP, PIN diode
is ideally suited for use in applications where high
RF and DC voltages are present.
The chip is enclosed in a rugged, ceramic, Metal
Electrode Leadless Faced (MELF), surface mount
package that is full face bonded to refractory metal
plugs on both the anode and cathode. The result is
a low loss PIN diode with low thermal resistance
due to its symmetrical thermal paths. MELF PIN
diodes are designed specifically for high volume
tape and reel assembly. Their user friendly design
provides for extremely easy, automatic, pick and
place, indexing and assembly. All solderable
surfaces are tin plated and are compatible with all
industry standard reflow and vapor phase soldering
processes.
Features
High Power Handling
Low Loss / Low Distortion
Leadless Low Inductance MELF Package
Non-Magnetic
Surface Mountable
RoHS Compliant
MSL 1
Applications
The MADP-000504-10720T MELF is well suited for
use in low loss, low distortion, UHF and VHF high
power switching circuits. It is specifically designed to
operate in high magnetic fields and to tune or protect
RF coils in MRI circuits. This device is designed to
meet the most demanding electrical and mechanical
environments.
Parameter
Absolute Maximum
Forward Voltage1,2
1.0 V
Reverse Voltage1,2
500V
Operating Temperature
-65°C to +175°C
Storage Temperature
-65°C to +200°C
Mounting Temperature
+260°C for 30 seconds
Absolute Maximum Ratings @ 25°C
1. Exceeding these limits may cause permanent damage
to the device.
2. Values will de-rate linearly over temperature.
Package Style 1072
Dot Denotes Cathode
Ordering Information
Part Number
Packaging
MADP-000504-10720T Tape and reel
Quantity
1500 pcs
Tape and reel information can be found in Application
Note M513 on the M/A-COM website


Similar Part No. - MADP-000504-10720T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000504-10720T MA-COM-MADP-000504-10720T Datasheet
303Kb / 6P
   Non Magnetic MELF PIN Diode
More results

Similar Description - MADP-000504-10720T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
logo
Tyco Electronics
MA4P7470-1072T MACOM-MA4P7470-1072T Datasheet
118Kb / 6P
   Non Magnetic MELF PIN Diode
logo
M/A-COM Technology Solu...
MA4P7435NM-1091T MA-COM-MA4P7435NM-1091T Datasheet
104Kb / 4P
   Non Magnetic MELF PIN Diode
MADP-000404-10720T MA-COM-MADP-000404-10720T_15 Datasheet
150Kb / 3P
   Non Magnetic MELF PIN Diode
MADP-011034-10720T MA-COM-MADP-011034-10720T Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
MADP-000404-10720T MA-COM-MADP-000404-10720T Datasheet
150Kb / 3P
   Non Magnetic MELF PIN Diode
MADP-000504-10720T MA-COM-MADP-000504-10720T Datasheet
303Kb / 6P
   Non Magnetic MELF PIN Diode
MADP-000235-10720T MA-COM-MADP-000235-10720T Datasheet
118Kb / 3P
   Non-Magnetic MELF PIN Diode
MADP-000235-10720T MA-COM-MADP-000235-10720T Datasheet
223Kb / 3P
   Non-Magnetic MELF PIN Diode
MA4P7470-1072T MA-COM-MA4P7470-1072T Datasheet
109Kb / 6P
   Non Magnetic MELF PIN Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com