Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-042XX8 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-042XX8
Description  PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-042XX8 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADP-042XX8_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-042XX8_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-042XX8_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-042XX8_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
SURMOUNTTM 8 M PIN Diodes
RoHS Compliant
Rev. V2
MADP-042XX8-13060 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Handling Procedures
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and skin oils. The
use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components. Bulk handling should
insure that abrasion and mechanical shock are minimized.
Bonding Techniques
Attachment to a circuit board is made simple through the use of surface mount technology. Mounting pads are conveniently
located on the bottom surface of these devices and are removed from the active junction locations. These devices are well
suited for solder attachment onto hard and soft substrates. The use of 80Au/20Sn, or RoHS compliant solders is
recommended. For applications where the average power is ~1W, conductive silver epoxy may also be used. Cure per
manufacturers recommended time and temperature. Typically 1 hour at 150°C.
When soldering these devices to a hard substrate, hot gas die bonding is preferred. A vacuum tip pick-up tool and a force of
60 to100 grams applied to the top surface of the device is recommended. When soldering to soft substrates, such as Duroid, it
is recommended to use a soft solder at the circuit board to mounting pad interface. Position the die so that its mounting pads
are aligned with the circuit board mounting pads. While applying a downward force perpendicular to the top surface of the die,
apply heat near the circuit trace and diode mounting pad. The solder connection to the two pads should not be made one at a
time as this will create unequal heat flow and thermal stress to the part. Solder reflow should not be performed by causing heat
to flow through the top
surface of the die to the back. Since the HMIC glass is transparent, the edges of the mounting pads
can be visually inspected through the die after attachment is completed.
Typical re-flow profiles for Sn60/Pb40 and RoHS compliant solders is provided in Application Note M538 , “Surface Mounting
Instructions“ and can viewed on the MA-COM Tech”s website @ www.macomtech.com
Ordering Information
The MADP-042XX8-13060 series of surmounts may be ordered in either gel packs or tape and reeled by adding the
appropriate suffix per the table below. Tape and reel dimensions are provided in Application Note M513 located on the
M/A-COM website @ www.macomtech.com
.
Part Number
Gel Pack
Tape and Reel (Pocket Tape)
MADP-042308-13060G
MADP-042308-13060P
MADP-042408-13060G
MADP-042408-13060P
MADP-042508-13060G
MADP-042508-13060P
MADP-042908-13060G
MADP-042908-13060P


Similar Part No. - MADP-042XX8_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060 Datasheet
154Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060_15 Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
MADP-042XX8-1306X MA-COM-MADP-042XX8-1306X Datasheet
650Kb / 5P
   Rugged Silicon-Glass Construction
More results

Similar Description - MADP-042XX8_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RN771V ROHM-RN771V_17 Datasheet
1Mb / 8P
   PIN Diodes
RN779D ROHM-RN779D_15 Datasheet
1Mb / 8P
   PIN Diodes
RN141CM ROHM-RN141CM Datasheet
1Mb / 8P
   PIN Diodes
logo
Jiangsu Changjiang Elec...
BAP50-05W JIANGSU-BAP50-05W Datasheet
200Kb / 3P
   pin Diodes
logo
Rohm
RN141S ROHM-RN141S_17 Datasheet
1Mb / 8P
   PIN Diodes
RN142ZS8A ROHM-RN142ZS8A_17 Datasheet
1Mb / 8P
   PIN Diodes
RN242CS ROHM-RN242CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262CS ROHM-RN262CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262G ROHM-RN262G_15 Datasheet
1Mb / 8P
   PIN Diodes
RN731V ROHM-RN731V_17 Datasheet
1Mb / 8P
   PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com