Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP369180-PCB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQP369180-PCB
Description  DC-6 GHz Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP369180-PCB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQP369180-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TQP369180
DC-6 GHz Gain Block
Typical Performance
− TQP369180-PCB
Test conditions unless otherwise noted: VSUPPLY =+5 V, R1
= 24 Ω, ICC = 45 mA, TCASE = +25°C
Parameter
Typical Value
Units
Frequency
500
900
1900
2100
2600
3500
4000
5000
6000
MHz
Gain
15.7
15.5
15.0
14.9
14.8
15.2
15.1
14.6
14.2
dB
Input Return Loss
-15.8
-20.9
-20.1
-18.0
-14.1
-18.1
-16.4
-16.2
-15.9
dB
Output Return Loss
-15.9
-25.0
-17.8
-15.9
-12.9
-16.2
-14.4
-12.9
-11.1
dB
Output P1dB
+15.3
+15.2
+14.4
+14.1
+13.8
13.75
12.6
11
9.4
dBm
OIP3
+30.2
+29.8
+29.5
+28.1
+26.8
26.1
24.6
22
20.5
dBm
Noise Figure
3.6
3.6
3.6
3.7
3.8
4
4.1
4.2
4.5
dB
Notes:
1. OIP3 measured with two tones at an output power of 0 dBm / tone separated by 1 MHz.
Performance Plots − TQP369180-PCB
Test conditions unless otherwise noted: VSUPPLY =+5 V, R1
= 24 Ω, ICC = 45 mA, TCASE = +25°C
4
8
12
16
20
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Gain vs. Frequency over Temp
+85°C
+25°C
40°C
-40
-30
-20
-10
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Input Return Loss vs. Freq over Temp
+85°C
+25°C
40°C
-40
-30
-20
-10
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Output Return Loss vs. Freq over Temp
+85°C
+25°C
40°C
22
24
26
28
30
32
-3
-2
-1
0
1
2
3
Output Power/Tone (dBm)
OIP3 vs. Output Power/Tone
Freq.=1900 MHz
1 MHz Tone Spacing
+85
°C
+25
°C
−40
°C
12
13
14
15
16
17
18
-40
-15
10
35
60
85
Temperature (deg. C)
P1dB vs. Temperature
900 MHz
1900 MHz
10
15
20
25
30
35
40
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
OIP3 vs. Frequency
1 MHz tone spacing
Pout=0 dBm.per tone
Temp.=+25°C
0
5
10
15
20
25
30
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
P1dB vs. Frequency
Temp.=+25°C
Temp.=+25°C
0
2
4
6
8
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
NF vs. Frequency
Temp.=+25°C
Temp.=+25°C
Temp.=+25°C
0
10
20
30
40
50
60
0
500
1000
1500
2000
2500
3000
Frequency, F1 + F2 (MHz)
OIP2 vs. Frequency
Pout/tone = 0 dBm
Datasheet: Rev G 08/15/14
- 5 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP369180-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369180-PCB TRIQUINT-TQP369180-PCB Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
More results

Similar Description - TQP369180-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182 QORVO-TQP369182 Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181 Datasheet
897Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182 Datasheet
691Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184 Datasheet
858Kb / 8P
   DC-6 GHz Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com