Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP9108 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQP9108
Description  1.7-2.17 GHz 2-stage Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9108 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TQP9108 Datasheet HTML 1Page - TriQuint Semiconductor TQP9108 Datasheet HTML 2Page - TriQuint Semiconductor TQP9108 Datasheet HTML 3Page - TriQuint Semiconductor TQP9108 Datasheet HTML 4Page - TriQuint Semiconductor TQP9108 Datasheet HTML 5Page - TriQuint Semiconductor TQP9108 Datasheet HTML 6Page - TriQuint Semiconductor TQP9108 Datasheet HTML 7Page - TriQuint Semiconductor TQP9108 Datasheet HTML 8Page - TriQuint Semiconductor TQP9108 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TQP9108
1.7-2.17 GHz 2-stage Power Amplifier
Advanced Data Sheet: Rev E 09-18-14
- 7 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Package Marking and Dimensions
Marking: Part number
– 9108
Date - YYWW
Lot code
– AaXXXX
Top View
0.92±0.08
0.10 C
4.50
4.50±0.1
2.25
3.50±0.1
1.75
2x
0.10 C
2x
0.10 C
B
A
Pin #1 Locator
Side View
Bottom View
3.500±0.1
1.080
1.000
2.000
1.000
2.000
0.680
1.080
0.750
1.500
2.000
1.080
0.500
1.000
1.500
2.000
4.500±0.10
1.480
1.480
(1X) shape
0.10
C A B
PIN1
(10X) 0.270x X 0.340y
0.10
C A B
(1X) 0.770x X 0.340y
0.10
C A B
(1X) 1.270x X 0.340y
0.10
C A B
C
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Except where noted, this part outline conforms to JEDEC standard MO-229.
3. Dimension and tolerance formats conform to ASME Y14.4M-1994.
4. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
9108
YYWW
AaXXXX


Similar Part No. - TQP9108

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9107 TRIQUINT-TQP9107 Datasheet
275Kb / 9P
   699-960 MHz 2-stage Power Amplifier
TQP9107-PCB TRIQUINT-TQP9107-PCB Datasheet
275Kb / 9P
   699-960 MHz 2-stage Power Amplifier
TQP9107 TRIQUINT-TQP9107_15 Datasheet
275Kb / 9P
   699-960 MHz 2-stage Power Amplifier
logo
Qorvo, Inc
TQP9109 QORVO-TQP9109 Datasheet
712Kb / 11P
   1/2 W 2-stage Linear Amplifier
TQP9109-PCB2140 QORVO-TQP9109-PCB2140 Datasheet
712Kb / 11P
   1/2 W 2-stage Linear Amplifier
More results

Similar Description - TQP9108

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7227 ANADIGICS-AWB7227 Datasheet
648Kb / 9P
   2.11-2.17 GHz Small-Cell Power Amplifier Module
AWB7127 ANADIGICS-AWB7127 Datasheet
647Kb / 9P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7127 SKYWORKS-AWB7127 Datasheet
793Kb / 10P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
   1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
   1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Guerrilla RF, Inc.
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
   HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
logo
STMicroelectronics
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
logo
Tyco Electronics
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com