Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2936 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2936
Description  10 W SMPS with HV power MOSFET and the L6565
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2936 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2936 Datasheet HTML 1Page - STMicroelectronics AN2936 Datasheet HTML 2Page - STMicroelectronics AN2936 Datasheet HTML 3Page - STMicroelectronics AN2936 Datasheet HTML 4Page - STMicroelectronics AN2936 Datasheet HTML 5Page - STMicroelectronics AN2936 Datasheet HTML 6Page - STMicroelectronics AN2936 Datasheet HTML 7Page - STMicroelectronics AN2936 Datasheet HTML 8Page - STMicroelectronics AN2936 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Demonstration board description
AN2936
4/10
The flyback transformer is a layer-type based on an E25/13/7 core and N27 ferrite,
manufactured by Tronic, and ensures safety insulation in accordance with standard
EN60950. The schematic of the board is shown in Figure 2. The power supply has been
built on a double-sided 35 µm PCB in FR-4, size 120 x 68 mm. The bill of material is
provided in Table 3.


Similar Part No. - AN2936

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2933 STMICROELECTRONICS-AN2933 Datasheet
172Kb / 10P
   Demo board user guidelines for the TS4999 filter-free stereo
AN2934 STMICROELECTRONICS-AN2934 Datasheet
1Mb / 27P
   The new VIPer17 device is a converter that offers a PWM controller built in BCD6
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
   Power system demonstration kit based on the PM6686 dual
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
   Power system demonstration kit based on the PM6686 dual
More results

Similar Description - AN2936

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0584 STMICROELECTRONICS-UM0584 Datasheet
405Kb / 9P
   STEVAL-ISA031V1: 40 W SMPS with HV MOSFET and L6565 for three-phase industrial applications
September 2009 Rev 1
AN1657 STMICROELECTRONICS-AN1657 Datasheet
166Kb / 9P
   SMPS FOR CRT MONITORS WITH THE L6565
STEVAL-ISA041V1 STMICROELECTRONICS-STEVAL-ISA041V1 Datasheet
163Kb / 4P
   125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller
April 2010 Rev 1
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
   10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
AN1439 STMICROELECTRONICS-AN1439 Datasheet
312Kb / 17P
   30 W AC-DC adapter with the L6565
AN1729 STMICROELECTRONICS-AN1729 Datasheet
203Kb / 10P
   L6565-BASED LOW COST SMPS FOR TV WITH
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
   80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
STEVAL-ISA149V1 STMICROELECTRONICS-STEVAL-ISA149V1 Datasheet
250Kb / 4P
   19 V, 75 W Energy Star-compliant SMPS using the L6563S and the L6566A
June 2016 Rev 2
logo
International Rectifier
IRF7450 IRF-IRF7450_04 Datasheet
176Kb / 8P
   SMPS MOSFET HEXFET Power MOSFET
IRF730ASPBF IRF-IRF730ASPBF Datasheet
296Kb / 10P
   HEXFET Power MOSFET (SMPS MOSFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com