Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2838 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2838
Description  35 W wide-range high power factor flyback converter evaluation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2838 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2838 Datasheet HTML 4Page - STMicroelectronics AN2838 Datasheet HTML 5Page - STMicroelectronics AN2838 Datasheet HTML 6Page - STMicroelectronics AN2838 Datasheet HTML 7Page - STMicroelectronics AN2838 Datasheet HTML 8Page - STMicroelectronics AN2838 Datasheet HTML 9Page - STMicroelectronics AN2838 Datasheet HTML 10Page - STMicroelectronics AN2838 Datasheet HTML 11Page - STMicroelectronics AN2838 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical diagram and bill of material
AN2838
8/23
DocID15099 Rev 2
Reference
Part value
Type/description
Supplier
L1
4135
Filter inductor 15 µH/3 A
Magnetica
Q1
STP5NK80ZFP
Power MOSFET, TO-220FP
w/heatsink
STMicroelectronics
R1
150 k
Ω
Axial
n.d.
R2
150 k
Ω
Axial
n.d.
R3
68 k
Ω
Axial
n.d.
R4
10 R
Axial
n.d.
R5
680 k
Ω
Axial
n.d.
R6
20 k
Ω
Axial
n.d.
R7
1 M
Ω
Axial
n.d.
R8
1 M
Ω
Axial
n.d.
R9
1 M
Ω
Axial
n.d.
R10
0 R
shorted
n.d.
R11
47 k
Ω
Axial
n.d.
R12
2.2 k
Ω
Axial
n.d.
R13
10
Ω
Axial
n.d.
R14
1R0
Axial, precision 5%, ¼ W
n.d.
R15
1R0
Axial, precision 5%, ¼ W
n.d.
R16
12K
Axial
n.d.
R17
3K3
Axial, ¼ W
n.d.
R18
6.8 k
Ω
Axial
n.d.
R19
4.7 k
Ω
Axial
n.d.
R20
1K5
Axial, precision 1%
n.d.
R21
27 k
Ω
Axial, precision 1%
n.d.
R23
100 k
Ω
Axial
n.d.
R24
N.M
Not mounted
n.d.
R25
0R
Shorted
T1
3651
Common mode choke 2x18 mH
Magnetica
T2
3651
Common mode choke 2x18 mH
Magnetica
TR1
4126
Switch-mode transformer
Magnetica
U1
L6562A
TM PFC controller
STMicroelectronics
U2
CNY17-3
Optocoupler DIP-6
n.d.
U3
TL431
Voltage reference, TO-92
STMicroelectronics
V1
275 V
VDR 40J (10/1000 µs) 7 mm
n.d.
Table 1. Bill of material (continued)


Similar Part No. - AN2838

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
   Dual step-down controller with auxiliary voltages for industrial system power
AN2834 STMICROELECTRONICS-AN2834 Datasheet
851Kb / 45P
   How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
   This application note describes the electronic lamp ballast for 70 W high intensity discharge
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
   Modern motion control applications need more flexibility that can be addressed
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
   Positive to negative buck-boost converter
More results

Similar Description - AN2838

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
   50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
   50 W wide-range high power factor flyback converter demonstration board based on the L6564
logo
Power Integrations, Inc...
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
   19.3 W Wide Range Flyback Power Supply using TOP243Y
logo
STMicroelectronics
AN4314 STMICROELECTRONICS-AN4314 Datasheet
2Mb / 31P
   25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
   High power factor flyback converter using the L6564
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
logo
Fairchild Semiconductor
AN-9750 FAIRCHILD-AN-9750 Datasheet
441Kb / 13P
   High-Power Factor Flyback Converter for LED Driver with
logo
STMicroelectronics
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
   10 W wide range non-isolated high power factor LED driver using HVLED815PF
logo
Micro Linear Corporatio...
ML4813 MICRO-LINEAR-ML4813 Datasheet
265Kb / 15P
   Flyback Power Factor Controller
logo
Power Integrations, Inc...
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
   3W Wide Range Flyback Power Supply using LNK304P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com