Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2811 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 3Page - STMicroelectronics AN2811 Datasheet HTML 4Page - STMicroelectronics AN2811 Datasheet HTML 5Page - STMicroelectronics AN2811 Datasheet HTML 6Page - STMicroelectronics AN2811 Datasheet HTML 7Page - STMicroelectronics AN2811 Datasheet HTML 8Page - STMicroelectronics AN2811 Datasheet HTML 9Page - STMicroelectronics AN2811 Datasheet HTML 10Page - STMicroelectronics AN2811 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AN2811
Design considerations
Doc ID 14904 Rev 1
7/25
Figure 3.
Modified buck converter
For ease in driving Q1 using a conventional buck converter, a modified buck converter has
been introduced as shown in Figure 3. Such topology is widely used to drive LEDs. With this
modified solution, the MOSFET is no longer floating. In this case the output (Vout) is not
connected to ground, and it becomes quite difficult to sense the output current in the output
stage directly. Compared to a buck converter, the flyback converter may be the better
choice. Figure 4 shows the typical circuit of a flyback converter.
Figure 4.
Flyback converter
The auxiliary winding can be added to the transformer (T1) to provide bias for Q1. Unlike the
buck converter, T1 provides isolation between Vin and Vout. Since such isolation is not
required for this application, a current sense resistor can be placed across the primary
ground and negative polarity of Vout. Thus, Vout shares the same primary ground. In this
topology, the MOSFET is not floating. Thanks to VIPer17 the board is built with a high-
performance low-voltage controller chip with an 800 V avalanche rugged power MOSFET.
Designed with VIPer17, only a few external components are required which allows a smaller
profile in the design.


Similar Part No. - AN2811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
   6-row 85 mA LED driver with boost
AN2813 STMICROELECTRONICS-AN2813 Datasheet
380Kb / 25P
   TDE1708DFT in IO-Link applications
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
   NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
More results

Similar Description - AN2811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2129 STMICROELECTRONICS-AN2129 Datasheet
362Kb / 9P
   DIMMING OF SUPER HIGH BRIGHTNESS LEDS
logo
Micro Electronics
M2012Y MICRO-ELECTRONICS-M2012Y Datasheet
79Kb / 2P
   HIGH BRIGHTNESS AMBER SURFACE LIGHTING
logo
Rohm
SML-511 ROHM-SML-511 Datasheet
68Kb / 3P
   High brightness LEDs
logo
Micro Electronics
M2012G MICRO-ELECTRONICS-M2012G Datasheet
80Kb / 2P
   HIGH BRIGHTNESS STANDARD GREEN SURFACE LIGHTING
logo
Quelighting Corp
QLSP18XXAU-310 QUELIGHTING-QLSP18XXAU-310 Datasheet
1Mb / 16P
   QLSP18XXAU series are high power LEDs that bring high performance and quality of light to wide range of lighting application.
1.0 06-16-2021
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Advanced Photonix, Inc.
LP-0850-011 ADVANCEDPHOTONIX-LP-0850-011 Datasheet
371Kb / 2P
   The LP-0850-011 Series are point source LEDs with peak wavelength of 850nm.
logo
Quelighting Corp
QLSP07XXU-XX QUELIGHTING-QLSP07XXU-XX Datasheet
956Kb / 13P
   QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
1.2 08-07-2020
logo
Lumileds Lighting Compa...
PB175 LUMILEDS-PB175 Datasheet
1Mb / 2P
   Automotive forward lighting source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com