Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2485 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 2Page - STMicroelectronics AN2485 Datasheet HTML 3Page - STMicroelectronics AN2485 Datasheet HTML 4Page - STMicroelectronics AN2485 Datasheet HTML 5Page - STMicroelectronics AN2485 Datasheet HTML 6Page - STMicroelectronics AN2485 Datasheet HTML 7Page - STMicroelectronics AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics AN2485 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Main characteristics and circuit description
AN2485
6/29
Figure 1.
EVAL6563-400W evaluation board: electrical schematic


Similar Part No. - AN2485

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2482 STMICROELECTRONICS-AN2482 Datasheet
865Kb / 18P
   The purpose of this document
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
AN2484 STMICROELECTRONICS-AN2484 Datasheet
674Kb / 10P
   STOTG04 in power down mode
AN2487 STMICROELECTRONICS-AN2487 Datasheet
868Kb / 32P
   power over Ethernet powered device demonstration board
More results

Similar Description - AN2485

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6563-400W STMICROELECTRONICS-EVAL6563-400W Datasheet
152Kb / 6P
   L6563 400 W FOT-controlled PFC pre-regulator
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
   400 W FOT-controlled PFC pre-regulator with the L6562A
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
   400 W FOT-controlled PFC pre-regulator with the L6563S
EVL6562A-400W STMICROELECTRONICS-EVL6562A-400W Datasheet
150Kb / 9P
   L6562A 400W FOT-controlled PFC pre-regulator evaluation board
EVL6566A-75WADP STMICROELECTRONICS-EVL6566A-75WADP Datasheet
202Kb / 8P
   19 V - 75 W laptop adapter with tracking boost PFC pre-regulator, using the L6563 and the L6566A
AN3065 STMICROELECTRONICS-AN3065 Datasheet
1Mb / 33P
   100 W transition-mode PFC pre-regulator with the L6563S
AN3063 STMICROELECTRONICS-AN3063 Datasheet
1Mb / 33P
   100 W transition-mode PFC pre-regulator with the L6563H
AN3119 STMICROELECTRONICS-AN3119 Datasheet
2Mb / 32P
   250 W transition-mode PFC pre-regulator with the new L6563S
AN4077 STMICROELECTRONICS-AN4077 Datasheet
1Mb / 33P
   100 W transition-mode PFC pre-regulator with the new L6564H
AN3118 STMICROELECTRONICS-AN3118 Datasheet
1Mb / 31P
   250 W transition-mode PFC pre-regulator with the new L6563H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com