Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK28 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # SK28
Description  Amp Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SK28 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SK28 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SK28 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SK28 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
2 Amp Schottky
Rectifier
20 to 100 Volts
Features
Schottky Barrier Rectifier
Guard Ring Protection
Low Forward Voltage
Reverse Energy Tested
High Current Capability
Extremely Low Thermal Resistance
Maximum Ratings
Operating Temperature: -55°C to +125°C
Storage Temperature: -55°C to +150°C
Maximum Thermal Resistance; 15 °C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK22
SK22
20V
14V
20V
SK23
SK23
30V
21V
30V
SK24
SK24
40V
28V
40V
SK25
SK25
50V
35V
50V
SK26
SK26
60V
42V
60V
SK28
SK28
80V
56V
80V
SK210
SK210
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ = 90°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
TJ = 25°C
0.5 mA
*Pulse test: Pulse width 300 µsec, Duty cycle 2%
Maximum
Instantaneous
Forward Voltage
SK22-SK24
SK25-SK26
SK28-SK210
VF
.55V
.70V
.85V
IFM = 2.0A;
TJ = 25°C*
DO-214AA
(SMBJ) (Round Lead)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
Typical Junction
Capacitance
SK22
SK23-SK210
CJ
230pF
50pF
Measured at
1.0MHz, VR=4.0V
SK22-SK210
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - SK28

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SK28 SUNMATE-SK28 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Pan Jit International I...
SK28 PANJIT-SK28 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Shanghai Leiditech Elec...
SK28 LEIDITECH-SK28 Datasheet
618Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Nanjing International G...
SK28 DGNJDZ-SK28 Datasheet
133Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SK28 DAESAN-SK28 Datasheet
261Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
More results

Similar Description - SK28

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HSM150 MICROSEMI-HSM150 Datasheet
76Kb / 2P
   1 Amp Schottky Rectifier
1N6095 MICROSEMI-1N6095 Datasheet
124Kb / 2P
   25 Amp Schottky Rectifier
1N6097 MICROSEMI-1N6097 Datasheet
120Kb / 2P
   50 Amp Schottky Rectifier
MS830 MICROSEMI-MS830 Datasheet
91Kb / 2P
   8 Amp Schottky Rectifier
logo
International Rectifier
303CNQ IRF-303CNQ Datasheet
27Kb / 4P
   SCHOTTKY RECTIFIER 300 Amp
logo
Microsemi Corporation
80CPQ020 MICROSEMI-80CPQ020 Datasheet
141Kb / 2P
   80 AMP SCHOTTKY RECTIFIER
HS18230 MICROSEMI-HS18230 Datasheet
126Kb / 2P
   180 Amp Schottky Rectifier
HSM550 MICROSEMI-HSM550 Datasheet
98Kb / 2P
   5 Amp Schottky Rectifier
HSM580 MICROSEMI-HSM580 Datasheet
99Kb / 2P
   5 Amp Schottky Rectifier
HSM880 MICROSEMI-HSM880 Datasheet
102Kb / 2P
   8 Amp Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com