Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9103 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TQP7M9103
Description  1W High Linearity Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9103 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TQP7M9103_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9103_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9103_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP7M9103_15 Datasheet HTML 10Page - TriQuint Semiconductor TQP7M9103_15 Datasheet HTML 11Page - TriQuint Semiconductor TQP7M9103_15 Datasheet HTML 12Page - TriQuint Semiconductor TQP7M9103_15 Datasheet HTML 13Page - TriQuint Semiconductor TQP7M9103_15 Datasheet HTML 14Page - TriQuint Semiconductor TQP7M9103_15 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TQP7M9103
1W High Linearity Amplifier
Typical Performance 2300
 – 2400 MHz
Test conditions unless otherwise noted: VC C=
 +5 V, ICQ = 235 mA, Temp. = +25 °C
Parameter
Conditions
Typical Value
Units
Frequency
2300
2350
2400
MHz
Gain
16.1
16.1
15.9
dB
Input Return Loss
13.7
15.7
14.0
dB
Output Return Loss
15.4
14.8
14.0
dB
Output P1dB
+29.2
+29.2
+29.3
dBm
OIP3
Pout
 = +15 dBm / tone, Δf =1 MHz
+45.6
+44.2
+45.2
dBm
WCDMA Channel Power (1)
ACLR
 = −50 dBc
+20.0
+19.9
+19.9
dBm
Notes:
1. 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 10.2 dB at 0.01% Prob.
RF Performance Plots 2300
 – 2400 MHz
Test conditions unless otherwise noted: VC C=
 +5 V, ICQ = 235 mA, Temp. = +25 °C
12
13
14
15
16
17
2300
2320
2340
2360
2380
2400
Frequency (MHz)
Gain vs. Frequency
Temp.=+25°C
-25
-20
-15
-10
-5
0
2300
2320
2340
2360
2380
2400
Frequency (MHz)
Return Loss vs. Frequency
Temp.=+25°C
|S22|
|S11|
-60
-55
-50
-45
-40
17
18
19
20
21
22
Output Power (dBm)
ACLR vs. Output Power
W-CDMA 3GPP Test Model 1+64 DPCH,
PAR = 10.2 dB at 0.01% Probability,
3.84 MHz BW
Temp.=+25°C
2400 MHz
2350 MHz
2300 MHz
30
35
40
45
50
55
12
14
16
18
20
Pout / Tone (dBm)
OIP3 vs. Pout / Tone
Temp.=+25°C
1 MHz tone spacing
2400 MHz
2350 MHz
2300 MHz
27
28
29
30
31
2300
2320
2340
2360
2380
2400
Frequency (MHz)
P1dB vs. Frequency
Temp.=+25°C
Datasheet: Rev H 12-10-14
- 11 of 16 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP7M9103_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103-PCB2140 TRIQUINT-TQP7M9103-PCB2140 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103-PCB2140 QORVO-TQP7M9103-PCB2140 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
TQP7M9103-PCB2600 QORVO-TQP7M9103-PCB2600 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9103-PCB900 TRIQUINT-TQP7M9103-PCB900 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103-PCB900 QORVO-TQP7M9103-PCB900 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
More results

Similar Description - TQP7M9103_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105_15 Datasheet
569Kb / 9P
   1W High Linearity Amplifier
logo
WJ Communication. Inc.
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
   1W High Linearity Amplifier
AH202 WJCI-AH202 Datasheet
422Kb / 9P
   1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
   1W High Linearity Amplifier
logo
Mimix Broadband
XP1053-SD MIMIX-XP1053-SD Datasheet
277Kb / 8P
   1W, High Linearity InGaP HBT Amplifier
XP1066-SD MIMIX-XP1066-SD Datasheet
244Kb / 7P
   1W, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH225-S8G TRIQUINT-AH225-S8G_15 Datasheet
1Mb / 21P
   1W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com