Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9101-PCB2140 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQP7M9101-PCB2140
Description  W High Linearity Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9101-PCB2140 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP7M9101-PCB2140 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9101-PCB2140 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9101-PCB2140 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9101-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9101-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9101-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9101-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9101-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9101-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TQP7M9101
¼ W High Linearity Amplifier
Datasheet: Rev. J 12/11/2014
- 4 of 20 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
700
– 1000 MHz Reference Design
J4
J3
U1
C1
L2
R2
C3
C4
R1
U1
TQP7M9101
J4 GND
J3 Vcc
1
2,4
3
J1
RF
Input
J2
RF
Output
L1
33 nH
C1
100 pF
C4
0.1 uF
C3
100 pF
R1
3.0
C2
100 pF
L2
4.7 nH
C5
4.7 pF
C6
12.0 pF
C7
0.6 pF
Notes:
1. See Evaluation Board PCB Information section for PCB material and stack-up
2. All components are 0603 size unless otherwise specified.
3. Critical component placement locations:
Distance from U1 Pin 1 Pad (left edge) to R1 (right edge): 10 mils (0.5° at 900 MHz)
Distance from R1 (left edge) to C6 (right edge): 5 mils (0.2° at 900 MHz)
Distance from C6 (left edge) to L2 (right edge): 60 mils (2.8° at 900 MHz)
Distance from L2 (left edge) to C5 (right edge): 60 mils (2.8° at 900 MHz)
Distance from U1 Pin 3 Pad (right edge) to C7 (left edge): 250 mils (11.7° at 900 MHz)
Bill of Material 700
– 1000 MHz Reference Design
Reference Des.
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
TriQuint
1100415
U1
n/a
Amplifier, SOT-89 pkg.
TriQuint
TQP7M9101
L1
33 nH
Inductor, 0805, 5%, Coilcraft CS Series
Coilcraft
0805CS-330XJLB
L2
4.7 nH
Inductor, Chip, 0603
various
C1, C2, C3
100 pF
Cap., Chip, 5%, 50V, NPO/COG
various
C4
0.1 uF
Cap., Chip, 10%, 50V, X7R
various
C5
4.7 pF
Cap., Chip, +/-0.1pF. 50V NPO/COG
various
C6
12 pF
Cap., Chip, 2% 50V NPO/COG
various
C7
0.6 pF
Cap., Chip, +/-0.05pF. 50V NPO/COG
various
J3, J4
n/a
Solder Turret
various
Typical Performance 700
–  1000 MHz Reference Design
Test conditions unless otherwise noted: VCC
 = +5 V, ICQ = 87 mA (typ.), Temp. = +25 °C
Parameter
Typical Value
U
ni
ts
Frequency (MHz)
700
800
850
900
960
MHz
Gain
18.5
18.7
18.6
18.5
18.2
dB
Input Return Loss
11.8
17.7
18.2
16.2
13.1
dB
Output Return Loss
12.8
19.1
22.9
32.7
23.7
dB
Output P1dB
+24.1
+24.2
+24.4
+24.4
+24.6
dBm
Output IP3
Pout=+8 dBm/tone, ∆f = 1 MHz
+39.6
+40.4
+41.2
+39.7
+39.8
dBm
WCDMA Chan. Power(1)
−55 dBc ACLR
+12.8
+13.2
+13.5
+14.0
+14.0
dBm
Noise Figure
5.0
5.0
5.1
5.2
5.9
dB
Notes:
1. ACLR test set-up: 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 10.2 dB at 0.01% Probability


Similar Part No. - TQP7M9101-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9101-PCB2140 TRIQUINT-TQP7M9101-PCB2140 Datasheet
1Mb / 19P
   쩌W High Linearity Amplifier
More results

Similar Description - TQP7M9101-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9102 TRIQUINT-TQP7M9102_15 Datasheet
906Kb / 20P
   W High Linearity Amplifier
QPA9119 TRIQUINT-QPA9119 Datasheet
939Kb / 12P
   쩍 W High Linearity Amplifier
logo
Qorvo, Inc
QPA9119 QORVO-QPA9119 Datasheet
999Kb / 14P
   쩍 W High Linearity Amplifier
April 26, 2021
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31716 AVAGO-MGA-31716_15 Datasheet
625Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
   W High Linearity Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31816 AVAGO-MGA-31816_16 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
MGA-31816 AVAGO-MGA-31816_15 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
TriQuint Semiconductor
AH125-89G TRIQUINT-AH125-89G_15 Datasheet
1Mb / 14P
   W High Linearity InGaP HBT Amplifier
AH114 TRIQUINT-AH114 Datasheet
496Kb / 5P
   W High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
MGA-31816 BOARDCOM-MGA-31816 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com