Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9101 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQP7M9101
Description  W High Linearity Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9101 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQP7M9101_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 10Page - TriQuint Semiconductor TQP7M9101_15 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TQP7M9101
¼ W High Linearity Amplifier
Datasheet: Rev. J 12/11/2014
- 7 of 20 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots TQP7M9101
−PCB900
Test conditions unless otherwise noted: VCC
 = +5 V, ICQ = 87 mA (typ.), Temp. = +25 °C
18
19
20
21
22
23
860
880
900
920
940
960
Freq (MHz)
Gain vs. Frequency
+85°C
+25°C
−40°C
-30
-25
-20
-15
-10
-5
0
860
880
900
920
940
960
Axis Title
Input Return Loss vs. Frequency
+85°C
+25°C
−40°C
-30
-25
-20
-15
-10
-5
0
860
880
900
920
940
960
Axis Title
Output Return Loss vs. Frequency
+85°C
+25°C
−40°C
-65
-60
-55
-50
-45
-40
-35
11
12
13
14
15
16
17
Pout (dBm)
ACLR Vs. Output Power
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2 dB at 0.01% Probability
3.84 MHz BW
Freq.=920 MHz
+85°C
+25°C
−40°C
34
36
38
40
42
44
6
8
10
12
14
16
Pout/Tone (dBm)
OIP3 Vs. Pout/Tone
Freq.=920 MHz
1 MHz Tone Spacing
+85°C
+25°C
−40°C
22
23
24
25
26
27
860
880
900
920
940
960
Frequency (MHz)
P1dB vs. Frequency
+85°C
+25°C
−40°C
-65
-60
-55
-50
-45
-40
-35
11
12
13
14
15
16
17
Pout (dBm)
ACLR Vs. Output Power
960 MHz
920 MHz
869 MHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2 dB at 0.01% Probability
3.84 MHz BW
Temp.=+25°C
34
36
38
40
42
44
6
8
10
12
14
16
Pout/Tone (dBm)
OIP3 Vs. Pout/Tone
960 MHz
920 MHz
869 MHz
Temp.=+25°C
1 MHz Tone Spacing
16
18
20
22
24
26
-3
-1
1
3
5
7
Pin (dBm)
Output Power vs. Input Power
+85°C
+25°C
−40°C
Freq.= 920 MHz
60
80
100
120
140
160
180
9
11
13
15
17
19
21
23
25
Pout (dBm)
Icc vs. Output Power
+85°C
+25°C
−40°C
Frequency=920 MHz


Similar Part No. - TQP7M9101_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9101-PCB2140 TRIQUINT-TQP7M9101-PCB2140 Datasheet
1Mb / 19P
   쩌W High Linearity Amplifier
TQP7M9101-PCB900 TRIQUINT-TQP7M9101-PCB900 Datasheet
1Mb / 19P
   쩌W High Linearity Amplifier
More results

Similar Description - TQP7M9101_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9102 TRIQUINT-TQP7M9102_15 Datasheet
906Kb / 20P
   W High Linearity Amplifier
QPA9119 TRIQUINT-QPA9119 Datasheet
939Kb / 12P
   쩍 W High Linearity Amplifier
logo
Qorvo, Inc
QPA9119 QORVO-QPA9119 Datasheet
999Kb / 14P
   쩍 W High Linearity Amplifier
April 26, 2021
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31716 AVAGO-MGA-31716_15 Datasheet
625Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
   W High Linearity Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31816 AVAGO-MGA-31816_16 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
MGA-31816 AVAGO-MGA-31816_15 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
TriQuint Semiconductor
AH125-89G TRIQUINT-AH125-89G_15 Datasheet
1Mb / 14P
   W High Linearity InGaP HBT Amplifier
AH114 TRIQUINT-AH114 Datasheet
496Kb / 5P
   W High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
MGA-31816 BOARDCOM-MGA-31816 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com