Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMXSS0010 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXSS0010
Description  MMIC Medium Level Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXSS0010 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMXSS0010_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXSS0010_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXSS0010_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
MMIC Medium Level Mixer
1700 - 2000 MHz
Rev. V2
MAMXSS0010
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Conversion Loss
Input P1dB
Isolation
RF, LO and IF VSWR
Lead-Free SOIC-8
† Reference Application Note M538 for lead-free solder reflow recommendations.
15.0
17.5
20.0
22.5
25.0
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
7
8
9
10
11
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
0
5
10
15
20
25
30
1700
1750
1800
1850
1900
1950
2000
RF TO IF
LO TO IF
LO TO RF
RF Frequency (MHz)
0
1
2
3
4
5
1700
1750
1800
1850
1900
1950
2000
0
50
100
150
200
250
300
LO
RF
IF
RF Frequency (MHz)
IF Frequency (MHz)


Similar Part No. - MAMXSS0010_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXSS0010SMB MACOM-MAMXSS0010SMB Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 1700 - 2000 MHz
MAMXSS0010TR MACOM-MAMXSS0010TR Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 1700 - 2000 MHz
More results

Similar Description - MAMXSS0010_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MAMXSS0011 MA-COM-MAMXSS0011_15 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MD54-0003 MA-COM-MD54-0003 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer 1700 - 2000 MHz
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer 1700 - 2000 MHz
logo
Tyco Electronics
MAMXSS0011 MACOM-MAMXSS0011 Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 800 - 1000 MHz
MD54-0003 MACOM-MD54-0003 Datasheet
106Kb / 2P
   MMIC Medium Level Mixer 1700 - 2000 MHz
MAMXSS0010 MACOM-MAMXSS0010 Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer 800 - 1000 MHz
logo
Tyco Electronics
MD54-0004 MACOM-MD54-0004 Datasheet
97Kb / 2P
   MMIC Medium Level Mixer 800 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com