Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-00170 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 50-00170
Description  Connector, 3P standard DIN male, molding style, brass, nickel plating, 180
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00170 Datasheet(HTML) 1 Page - Tensility International Corp.

  50-00170 Datasheet HTML 1Page - Tensility International Corp. 50-00170 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
rev:
page:
April 23, 2012
A1
50-00170
Connector, 3P standard DIN male, molding
style, brass, nickel plating, 180°
Materials:
shell
brass, nickel-plated, 4 μm min.
insulator
PBT
pin
brass, nickel-plated
rating
100 Vac, 1 A max., or 12 Vdc, 2 A max,
insulation resistance
50 mOhms min @ 250 Vdc
dielectric strength
250 Vac/1 minute
operating temperature
-55°C to + 85°C
Notes:
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
50-00170 50-00171 50-00172
50-00173
50-00174
50-00175
DIN 3 PIN
DIN 4 PIN
DIN 5 PIN
DIN 6 PIN
DIN 7 PIN
DIN 8 PIN
180°
210°
180°
240°
270°
270°
tolerance X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
Units: mm


Similar Part No. - 50-00170

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00171 TENSILITY-50-00171 Datasheet
369Kb / 2P
   Connector, 4P standard DIN male, molding style, brass, nickel plating, 210
50-00172 TENSILITY-50-00172 Datasheet
370Kb / 2P
   Connector, 5P standard DIN male, molding style, brass, nickel plating, 180
50-00173 TENSILITY-50-00173 Datasheet
373Kb / 2P
   Connector, 6P standard DIN male, molding style, brass, nickel plating, 240
50-00174 TENSILITY-50-00174 Datasheet
374Kb / 2P
   Connector, 7P standard DIN male, molding style, brass, nickel plating, 270
50-00175 TENSILITY-50-00175 Datasheet
378Kb / 2P
   Connector, 8P standard DIN male, molding style, brass, nickel plating, 270
More results

Similar Description - 50-00170

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00172 TENSILITY-50-00172 Datasheet
370Kb / 2P
   Connector, 5P standard DIN male, molding style, brass, nickel plating, 180
50-00179 TENSILITY-50-00179 Datasheet
393Kb / 2P
   Connector, 5P standard DIN female, molding style, brass, nickel plating, 180
50-00156 TENSILITY-50-00156 Datasheet
348Kb / 2P
   Connector, 3P mini DIN male, molding style, brass, nickel plating
50-00176 TENSILITY-50-00176 Datasheet
321Kb / 2P
   Connector, 13P standard DIN male, molding style, brass, nickel plating
50-00175 TENSILITY-50-00175 Datasheet
378Kb / 2P
   Connector, 8P standard DIN male, molding style, brass, nickel plating, 270
50-00171 TENSILITY-50-00171 Datasheet
369Kb / 2P
   Connector, 4P standard DIN male, molding style, brass, nickel plating, 210
50-00174 TENSILITY-50-00174 Datasheet
374Kb / 2P
   Connector, 7P standard DIN male, molding style, brass, nickel plating, 270
50-00173 TENSILITY-50-00173 Datasheet
373Kb / 2P
   Connector, 6P standard DIN male, molding style, brass, nickel plating, 240
50-00163 TENSILITY-50-00163 Datasheet
361Kb / 2P
   Connector, 3P mini DIN female, molding style, brass, nickel plating
50-00183 TENSILITY-50-00183 Datasheet
322Kb / 2P
   Connector, 13P standard DIN female, molding style, brass, nickel plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com