Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP4M0013 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP4M0013
Description  High Isolation Absorptive SPST Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP4M0013 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP4M0013 Datasheet HTML 1Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 2Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 3Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 4Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 5Page - TriQuint Semiconductor TQP4M0013 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TQP4M0013
High Isolation Absorptive SPST Switch
Datasheet: Rev C 09-06-13
- 2 of 6 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Electrical Specifications
Test conditions unless otherwise noted: VDD = +5 V, VCTRL = 0 V (low) or 3.3 V (high), Temp.=+25°C, 50
Ω system
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
100
4000
MHz
Control Voltage (VCTRL)
Low
0
0.2
V
High
1.8
VDD
V
Insertion Loss
1 GHz
2 GHz
3 GHz
0.55
0.71
0.77
0.87
dB
Isolation
1 GHz
2 GHz
3 GHz
38
50
43
37
dB
RF1/RF2 Return Loss
Insertion Loss State
1 GHz
2 GHz
3 GHz
15
15
17
dB
RF2 Return Loss
Isolation Loss State
1 GHz
2 GHz
3 GHz
16
15
17
dB
Input P1dB
f=1 GHz
+35
dBm
Input IP3
f=1 GHz
Pin=+15 dBm/tone
, Δf= 1 MHz
+49
dBm
Switching Speed
tON,tOFF (50% CTL to 10/90% RF)
150
ns
tON,tOFF (50% CTL to 2/98% RF)
150
ns
Total Supply current (IDD)
82
uA
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-65 to 165°C
RF Input Power, CW, 50Ω, T = 25°C
+33 dBm
Supply Voltage (VDD)
+6 V
Control Voltage (VCTRL)
VDD+0.5 V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
VDD
3.0
5.0
V
Operating Temp. Range
-40
+85
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Switch Control Truth Table
VCTRL
Signal Path State (RF1 to RF2)
Low
Off (isolation)
High
On (Insertion Loss)
Control Voltages
State
Bias Condition
Low
≤ 0.2 V
High
≥ 1.8 V


Similar Part No. - TQP4M0013

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M0010 TRIQUINT-TQP4M0010 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
TQP4M0010-PCB TRIQUINT-TQP4M0010-PCB Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
TQP4M0011 TRIQUINT-TQP4M0011 Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
TQP4M0011-PCB TRIQUINT-TQP4M0011-PCB Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
More results

Similar Description - TQP4M0013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
   Absorptive High Isolation SPDT Switch
logo
TriQuint Semiconductor
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
   High Isolation, Absorptive SPDT Switch
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS RF Switch
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
   SPST High Isolation CATV Switch
MASW-008177 MA-COM-MASW-008177_15 Datasheet
560Kb / 5P
   SPST High Isolation CATV Switch
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
   SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
   SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
Microsemi Corporation
GG71420 MICROSEMI-GG71420 Datasheet
85Kb / 2P
   ABSORPTIVE SPST SWITCH with TTL Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com