Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP4M0010 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TQP4M0010
Description  High Isolation Absorptive SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP4M0010 Datasheet(HTML) 9 Page - TriQuint Semiconductor

  TQP4M0010 Datasheet HTML 1Page - TriQuint Semiconductor TQP4M0010 Datasheet HTML 2Page - TriQuint Semiconductor TQP4M0010 Datasheet HTML 3Page - TriQuint Semiconductor TQP4M0010 Datasheet HTML 4Page - TriQuint Semiconductor TQP4M0010 Datasheet HTML 5Page - TriQuint Semiconductor TQP4M0010 Datasheet HTML 6Page - TriQuint Semiconductor TQP4M0010 Datasheet HTML 7Page - TriQuint Semiconductor TQP4M0010 Datasheet HTML 8Page - TriQuint Semiconductor TQP4M0010 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TQP4M0010
High Isolation Absorptive SPDT Switch
Datasheet: Rev H 03-28-14
-
9 of 9 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 0 (RF Ports)
Value:
<250 V
ESD Rating: Class 1A (DC Lines)
Value:
≥250 volts to < 500 volts
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
>1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Solderability
Compatible with both lead-free (260°C max. reflow
temperature)
and
tin/lead
(245°C
max.
reflow
temperature) soldering processes.
Package contact plating: NiPdAu
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
MSL Rating: Level 1
Test:
260°C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Important Notice
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@triquint.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjcapplications.engineering@triquint.com
Contact Information
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - TQP4M0010

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M0011 TRIQUINT-TQP4M0011 Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
TQP4M0011-PCB TRIQUINT-TQP4M0011-PCB Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
TQP4M0011 TRIQUINT-TQP4M0011_15 Datasheet
486Kb / 6P
   Low Loss SP3T Reflective Switch
TQP4M0013 TRIQUINT-TQP4M0013 Datasheet
471Kb / 6P
   High Isolation Absorptive SPST Switch
TQP4M0013-PCB TRIQUINT-TQP4M0013-PCB Datasheet
471Kb / 6P
   High Isolation Absorptive SPST Switch
More results

Similar Description - TQP4M0010

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
   Absorptive High Isolation SPDT Switch
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
   High Isolation, Absorptive SPDT Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
   SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
   0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
   SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
   0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
   GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
logo
TriQuint Semiconductor
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
   High Isolation Absorptive SPST Switch
logo
Honeywell Solid State E...
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
   SPDT Absorptive RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com