Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9041 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQP3M9041
Description  2300-6000 MHz Dual LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9041 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQP3M9041_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9041_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9041_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9041_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9041_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9041_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9041_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9041_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9041_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TQP3M9041
2300 – 6000 MHz Dual LNA
Datasheet: Rev C 08-06-13
- 8 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pin Configuration and Description
Pin No.
Label
Description
1
RFin1/Vg1
RF input pin for channel 1. Gate voltage bias pin for channel 1.
2, 3, 10, 11
GND
No internal connection but should be grounded to provide PCB mounting
integrity and isolation between the two RF paths.
4
RFin2/Vg2
RF input pin for channel 2. Gate voltage bias pin for channel 2.
5
DC Bias 2
DC out bias for channel 2
6
Vpd2
Power down control voltage for channel 1
7
Ictrl2
Channel 2 drain current control
8, 13
NA
No internal connection. These pins can be grounded to provide PCB
mounting integrity.
9
RFout2/Vd2 RF output pin for channel 2. Gate voltage bias pin for channel 2.
12
RFout1/Vd1 RF output pin for channel 1. Drain voltage bias pin for channel 1.
14
Ictrl1
Channel 1 drain current control
15
Vpd1
Power down control voltage for channel 1
16
DC Bias 1
DC out bias for channel 1
Backside Paddle
RF/DC GND RF/DC Ground. Follow recommended via pattern and ensure good solder
attach for best thermal and electrical performance.
Evaluation Board PCB Information
TriQuint PCB 1094098 Material and Stack-up
1 oz. Cu bottom layer
Rogers 4003
εr=3.5 typ.
1 oz. Cu top layer
0.020 ± 0.002
Finished Board
Thickness
50 ohm line dimensions: width = .040”, spacing = .020”


Similar Part No. - TQP3M9041_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9041-PCB QORVO-TQP3M9041-PCB Datasheet
802Kb / 16P
   2300 ??6000 MHz Dual LNA
More results

Similar Description - TQP3M9041_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9041 QORVO-TQP3M9041 Datasheet
802Kb / 16P
   2300 ??6000 MHz Dual LNA
logo
TriQuint Semiconductor
TQP3M9040 TRIQUINT-TQP3M9040_15 Datasheet
588Kb / 10P
   1500-2300 MHz Dual LNA
logo
Qorvo, Inc
TQP3M9040 QORVO-TQP3M9040 Datasheet
707Kb / 12P
   1500 ??2300 MHz Dual LNA
TQP3M9040 QORVO-TQP3M9040_V01 Datasheet
707Kb / 12P
   1500 – 2300 MHz Dual LNA
September 23, 2021
logo
Infineon Technologies A...
BGA777L7 INFINEON-BGA777L7 Datasheet
729Kb / 24P
   Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009
logo
BeRex Corporation
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
   50-6000 MHz Wideband LNA Gain Block
logo
Infineon Technologies A...
BGA777N7 INFINEON-BGA777N7 Datasheet
1Mb / 35P
   Single-Band UMTS LNA (2300 - 2700 MHz)
Revision 3.1, 2013-01-31
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
   2000-6000 MHz 2000-6000 MHz
logo
TriQuint Semiconductor
TQP3M9039 TRIQUINT-TQP3M9039_15 Datasheet
568Kb / 10P
   50-1500 MHz Dual LNA
logo
Qorvo, Inc
TQL9066 QORVO-TQL9066 Datasheet
788Kb / 10P
   50 ??1500 MHz Dual LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com