Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMX-007674-LCM1MH Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-007674-LCM1MH
Description  E-Series Surface Mount Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-007674-LCM1MH Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAMX-007674-LCM1MH_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-007674-LCM1MH_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
E-Series Surface Mount Mixer
2 – 500 MHz
MAMX-007674-LCM1MH
V1 P
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO Power +13 dBm
• Up to +9 dBm RF
• Surface Mount
• Tape and reel packaging available
• 260°C Reflow Compatible
• RoHS* compliant version of the ELCM-1MH
Description
M/A-COM’s MAMX-007674-LCM1MH is a RoHS Com-
pliant Low Cost, Broadband, high performance Double
Balanced Mixer designed for use in high volume
wireless applications. The device has been optimised
by careful selection of the Schottky Diode and Balun
Transformer for excellent performance. MAMX-
007674-LCM1MH is available in an SM-89 surface
mount package and is designed to be utilized in both
standard reflow and high temperature soldering reflow
profiles. Parts are packaged in tape & reel.
Ordering Information
Part Number
Package
MAMX-007674-LCM1MH
Tape and Reel (900 piece Reel)
SM - 89 Package
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
This PRELIMINARY Data Sheet contains information regarding a product M/A-COM has under development. Performance is based
on measured results and target specifications. Commitment to produce in volume is not guaranteed.
Pin Configuration
Pin No.
Function
1
LO
2
Ground
3
Ground
4
RF
5
IF
6
Ground
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Operating Temperature
-55°C to +85°C
Storage Temperature
-55°C to +125°C
Pin Temperature (10 seconds)
+260°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.


Similar Part No. - MAMX-007674-LCM1MH_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMX-007674-LCM1MH MACOM-MAMX-007674-LCM1MH Datasheet
127Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
logo
M/A-COM Technology Solu...
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer 2 - 500 MHz
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer
More results

Similar Description - MAMX-007674-LCM1MH_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067_15 Datasheet
147Kb / 2P
   E-Series Surface Mount Mixer
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP_15 Datasheet
156Kb / 2P
   E-Series Surface Mount Mixer
MAMXES0117 MA-COM-MAMXES0117_15 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer
MAMX-007238-CM25MH_V5 MA-COM-MAMX-007238-CM25MH_V5 Datasheet
75Kb / 4P
   E-Series Surface Mount Mixer
MAMX-008786-ES0120_V2 MA-COM-MAMX-008786-ES0120_V2 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
MAMX-009646-23DBML-V5 MA-COM-MAMX-009646-23DBML-V5 Datasheet
837Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com