Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N37015M Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N37015M
Description  Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N37015M Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N37015M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N37015M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (m)
15
PHYSICAL
Color
Yellow
CONNECTIONS
Connector A
LC
Connector B
LC
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N37015M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N37010M TRIPPLITE-N37010M Datasheet
475Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 10M (33-ft.)
More results

Similar Description - N37015M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N370-15M TRIPPLITE-N370-15M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 15M (50-ft.)
N36615M TRIPPLITE-N36615M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 15M (50-ft.)
N366-15M TRIPPLITE-N366-15M Datasheet
165Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/SC), 15M (50-ft.)
N368-15M TRIPPLITE-N368-15M Datasheet
165Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/ST), 15M (50-ft.)
N36815M TRIPPLITE-N36815M Datasheet
483Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 15M (50-ft.)
N370-50M TRIPPLITE-N370-50M Datasheet
164Kb / 3P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 50 m (164 ft.)
N37005M TRIPPLITE-N37005M Datasheet
473Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 5M (16-ft.)
N52015M TRIPPLITE-N52015M Datasheet
494Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
N370-02M TRIPPLITE-N370-02M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N370-10M TRIPPLITE-N370-10M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 10M (33-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com