Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9038 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQP3M9038
Description  High-Linearity LNA Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9038 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  TQP3M9038_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9038_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9038_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9038_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9038_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9038_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9038_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9038_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TQP3M9038
High-Linearity LNA Gain Block
Datasheet: Rev D 08-06-13
- 7 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Mechanical Information
Package Marking and Dimensions
Marking: Part number – 9038
Date Code – YYWW
Assembly Code – aXXXX
NOTES:
1. All dimensions are in millimeters. Angles are in degrees.
2. Except where noted, this part outline conforms to JEDEC standard MO-220, Issue E (Variation VGGC) for thermally
enhanced plastic very thin fine pitch quad flat no lead package (QFN).
3. Dimension and tolerance formats conform to ASME Y14.4M-1994.
4. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
PCB Mounting Pattern
Pin 1 Locator
COMPONENT SIDE
7X 3
16X 0.32
0.50 Pitch 16X
16X 0.52
1.50
1.50
Package Outline
0.31
0.09
0.55
0.32
0.64
NOTES:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. We
recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm (0.10”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
Top View
Side View
Bottom View
3.00±0.05
3.00±0.05
.20 Ref.
0.000-0.050
PIN #1 IDENTIFICATION
CHAMFER 0.300 X 45°
1.70±0.05 Exp.DAP
0.23±0.05
0.50 Bsc
1.50
Ref.
1.70±0.05 Exp.DAP
0.85±0.05
Pin 1 Locator
GND/Thermal Pad
0.38±0.05
9038
YYWW
aXXXX


Similar Part No. - TQP3M9038_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038-PCB_IF TRIQUINT-TQP3M9038-PCB_IF Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TQP3M9038-PCB_RF TRIQUINT-TQP3M9038-PCB_RF Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
More results

Similar Description - TQP3M9038_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com