Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9028 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQP3M9028
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9028 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TQP3M9028 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9028 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9028 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9028 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9028 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9028 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9028 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9028 Datasheet HTML 9Page - TriQuint Semiconductor TQP3M9028 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TQP3M9028
High Linearity LNA Gain Block
Datasheet: Rev F 04-23-14
- 6 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
TQP3M9028-PCB_IF Evaluation Board (50−500 MHz)
Q1
C2
C6
C1
J4
J3
Q1
J2
RF
Output
J4 GND
J3 VDD
1
2
3
J1
RF
Input
L2
C6
C2
C1
Notes:
1. See PC Board Layout, page 8 for more information.
2. Components shown on the silkscreen but not on the schematic are not used.
3. B1 (0 Ω jumper) may be replaced with copper trace in the target application layout.
4. The recommended component values are dependent upon the frequency of operation.
5. All components are of 0603 size unless stated on the schematic.
Bill of Material − TQP3M9028-PCB_IF
Reference Des.
Value Description
Manuf. Part Number
n/a
n/a
Printed Circuit Board
TriQuint
1075825
Q1
n/a
High Linearity LNA Gain Block
TriQuint
TQP3M9028
C2, C6
1000 pF
CAP, 0603, 5%, 50V, X7R
various
C1
0.01 uF
CAP, 0603, 5%, 50V, X7R
various
L2
330 nH
IND, 0603, 5%
CoilCraft
0603CS-R33XJL
B1
0 Ω
RES, 0603
various
L1, D1, C3, C4
DNP
n/a
n/a
n/a


Similar Part No. - TQP3M9028

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP3M9028 QORVO-TQP3M9028 Datasheet
748Kb / 12P
   High Linearity LNA Gain Block
February 3, 2022
TQP3M9028-PCB_IF QORVO-TQP3M9028-PCB_IF Datasheet
748Kb / 12P
   High Linearity LNA Gain Block
February 3, 2022
TQP3M9028-PCB_RF QORVO-TQP3M9028-PCB_RF Datasheet
748Kb / 12P
   High Linearity LNA Gain Block
February 3, 2022
More results

Similar Description - TQP3M9028

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com