Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M9008 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQP3M9008
Description  High Linearity LNA Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M9008 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP3M9008_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M9008_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M9008_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M9008_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M9008_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M9008_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M9008_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP3M9008_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP3M9008_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TQP3M9008
High Linearity LNA Gain Block
Datasheet Rev. M 05-06-14
- 3 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
S-Parameters
Test Conditions: VDD = +5 V, IDD = 85 mA, Temp. = +25 °C, 50 Ω system, calibrated to device leads
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-12.5
-170.0
23.6
172.9
-26.7
0.6
-9.8
177.2
100
-11.9
-175.1
23.5
167.7
-26.7
-1.9
-9.9
171.9
200
-11.4
178.0
23.1
159.5
-26.6
-5.5
-10.0
162.2
400
-11.4
167.0
22.7
144.1
-26.7
-12.9
-10.5
145.5
600
-11.6
154.1
22.3
129.4
-26.7
-19.6
-10.7
129.3
800
-11.8
147.2
22.0
114.6
-26.7
-26.1
-11.3
111.8
1000
-12.3
139.1
21.7
99.5
-26.8
-33.4
-12.4
94.3
1200
-12.7
132.1
21.4
85.6
-26.9
-39.9
-13.1
77.8
1400
-13.3
126.3
21.0
71.0
-27.1
-47.7
-14.3
58.7
1600
-13.6
116.9
20.8
56.2
-27.4
-56.5
-15.4
36.8
1800
-13.9
110.2
20.5
41.8
-27.6
-63.3
-16.3
15.3
2000
-14.3
103.5
20.3
27.9
-28.1
-71.6
-17.5
-11.2
2200
-15.1
94.6
19.9
13.8
-28.5
-80.2
-18.0
-39.1
2400
-15.8
85.2
19.7
-1.1
-28.7
-88.9
-17.4
-65.9
2600
-16.8
72.7
19.5
-16.0
-29.4
-96.8
-16.6
-94.2
2800
-18.0
55.2
19.2
-31.3
-29.9
-105.7
-14.9
-115.0
3000
-19.8
25.5
19.0
-46.9
-30.6
-117.1
-14.1
-131.7
3200
-19.9
-16.8
18.6
-63.5
-31.0
-128.0
-13.1
-148.3
3400
-17.8
-59.0
18.3
-80.5
-31.8
-139.4
-12.4
-160.2
3600
-14.3
-90.8
17.7
-98.5
-32.8
-154.4
-11.9
-173.9
3800
-11.3
-114.3
17.0
-117.1
-34.0
-168.1
-11.2
174.5
4000
-8.7
-132.7
16.1
-135.8
-34.8
173.1
-10.7
167.6


Similar Part No. - TQP3M9008_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9008-PCB_IF TRIQUINT-TQP3M9008-PCB_IF Datasheet
638Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9008-PCB_IF QORVO-TQP3M9008-PCB_IF Datasheet
747Kb / 12P
   High Linearity LNA Gain Block
logo
TriQuint Semiconductor
TQP3M9008-PCB_RF TRIQUINT-TQP3M9008-PCB_RF Datasheet
638Kb / 10P
   High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9008-PCB_RF QORVO-TQP3M9008-PCB_RF Datasheet
747Kb / 12P
   High Linearity LNA Gain Block
More results

Similar Description - TQP3M9008_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
   High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
   High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
   High Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
   High-Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
   High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
   High-Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
   High Linearity LNA Gain Block
February 1, 2022
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
TQP3M9035 TRIQUINT-TQP3M9035 Datasheet
603Kb / 9P
   High Linearity LNA Gain Block
TQP3M9009 TRIQUINT-TQP3M9009 Datasheet
986Kb / 10P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com