Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W730 Datasheet(PDF) 3 Page - Lumins Inc.

Part # W730
Description  Set of two cast aluminum supporting struts.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W730 Datasheet(HTML) 3 Page - Lumins Inc.

  W730 Datasheet HTML 1Page - Lumins Inc. W730 Datasheet HTML 2Page - Lumins Inc. W730 Datasheet HTML 3Page - Lumins Inc. W730 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
ACA 1
1” X 3” extruded aluminum extended arm pole
mounting adaptor designed to fit with 4 to
5” dia. poles. 1/2” dia. X 45º standard natural
stainless steel rod support. (EPA: 0.7)
EC3P 1
Set of (2) 1” X 3” extruded aluminum side pole
straight mounting. Designed for luminaires
with or less shades. Pole mounting adaptor
fits with 4 to 5” dia. poles. (EPA: 0.97)
3
PR7
8” Dia.(203) X 8 3/4” (222)H.
extruded aluminum stand designed for short
walls or pier mount.
W730
ECLIPSE - HID
Ø 4”
Ø 5”
Ø 4”
Tapered
Ø 4”
Height
Pole
PAA410
PAA510
PST10
-------
PSB10
10 Ft. (3 M)
PAA412
PAA512
PST12
-------
PSB12
12 Ft. (3,6 M)
PAA414
PAA514
PST14
-------
PSB14
14 Ft. (4,2 M)
PAA416
PAA516
PST16
PTA16
PSB16
16 Ft. (4,8 M)
PAA418
PAA518
-------
PTA18
PSB18
18 Ft. (5,5 M)
PAA420 PAA520
-------
PTA20
PSB20
20 Ft. (6,0 M)
-------
-------
-------
PTA25
-------
25 Ft. (7,6 M)
For additional pole details, please refer to separate pole specification sheet.
Ø 4”= 100mm Ø5”= 127mm
MATCHING POLE SELECTION
PSB
Pole series
PST
Pole series
PAA
Pole series
Power feed
28”
(711)
36”
(914)
30”
(762)
17.75”
(451)
22”
(558)
Power feed
12”
(304)
31.75”
(807)
NOTE 1
: PCA Pole with ACA attachment requires a 30” (762) tenon extension over pole nominal height. EC3P and EC3PS require an 18” tenon extension.
Factory installed.
(3).625” Dia. (16)
Mounting holes @120º
6” Dia. (152)
bolt circle
2” Dia. (51)
power entry
8” Dia. (203) base.
POLE MOUNT
36”
(914)


Similar Part No. - W730

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W732 LUMINIS-W732 Datasheet
674Kb / 4P
   Set of two cast aluminum supporting struts.
logo
Bourns Electronic Solut...
W733R0J BOURNS-W733R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
W739R0J BOURNS-W739R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W730

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W732 LUMINIS-W732 Datasheet
674Kb / 4P
   Set of two cast aluminum supporting struts.
TR2450 LUMINIS-TR2450 Datasheet
472Kb / 3P
   Set of four cast aluminum perforated arms
EC842 LUMINIS-EC842 Datasheet
377Kb / 3P
   Set of three aluminum louvers
EC802 LUMINIS-EC802 Datasheet
434Kb / 5P
   Set of three aluminum louvers
EC642 LUMINIS-EC642 Datasheet
392Kb / 3P
   Set of three aluminum louvers
TR1301 LUMINIS-TR1301_16 Datasheet
639Kb / 3P
   Set of four aluminum perforated decorative arms
KR1503 LUMINIS-KR1503_16 Datasheet
625Kb / 3P
   Set of four aluminum curved arms lens holders
SR305 LUMINIS-SR305 Datasheet
956Kb / 4P
   Cast aluminum ballast housing.
SR360 LUMINIS-SR360 Datasheet
896Kb / 4P
   Cast aluminum ballast housing.
SR365 LUMINIS-SR365 Datasheet
905Kb / 4P
   Cast aluminum driver housing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com