Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP3M6005 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQP3M6005
Description  Mid Band Dual LNA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP3M6005 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP3M6005_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP3M6005_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP3M6005_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP3M6005_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP3M6005_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP3M6005_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP3M6005_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TQP3M6005
Mid Band Dual LNA (1700-2000 MHz)
Reference Design 1700-2000 MHz
Bill of Material
Ref Des
Value
Description
Manufacturer
Part Number
U1
N/A
Mid Band Dual LNA
TriQuint
TQP3M6005
C1, C10
2.4 pF
Capacitor, 0603, +/-0.1 pF NPO
Various
C2, C12
10 pF
Capacitor, 0603, 5%, NPO
Various
C3, C13
22 pF
Capacitor, 0603, 5%, NPO
Various
C4, C14
1.2 pF
Capacitor, 0603, +/-0.1 pF NPO
Various
C5, C15
12 pF
Capacitor, 0603, 5%, NPO
Various
C6, C16
2.2 pF
Capacitor, 0603, +/-0.1 pF NPO
Various
C7, C17
1 uF
Capacitor, 0603, 10%, X5R
Various
C8, C18
10 uF
Capacitor, 0603, 20%, X5R
Various
C9, C19
0.01 uF
Capacitor, 0603, 10%, X7R
Various
R1, R2, R11, R12
0 Ohm
Resistor, 0603, 5%, 1/16W
Various
R3, R13
8.2 Ohm
Resistor, 0603, 5%, 1/16W
Various
R4, R14
1.5 Ohm
Resistor, 0603, 5%, 1/16W
Various
R5, R15
50 Ohm
Resistor, 0603, 5%, 1/16W
Various
L1, L11
10 nH
Inductor, 0603, 5%
Coilcraft
0603CS-10NXJLW
L2, L12
3.6 nH
Inductor, 0603, 5%
Coilcraft
0603CS-3N6XJLW
L3, L13
2.2 nH
Inductor, 0603, 5%
Coilcraft
0603CS-2N2XJLW
L4, L14
33 nH
Inductor, 0603, 5%
Coilcraft
0603CS-33NXJLW
L5, L15
1.2 nH
Inductor, 0402, 5%
Coilcraft
0402CS
‐1N2XJLW
L6 L16
43 nH
Inductor 0603 5%
Coilcraft
0603CS 43NXJLW
Notes:
1.
See PC Board Layout, page 4 for more information.
2.
Zero ohm jumpers may be replaced with copper traces in the target application layout.
3.
Though not shown on reference design, grounding recommended on pins 6, 7, 14 & 15 for optimal isolation between amp A and B.
Datasheet: Rev C 04-29-11
-
3 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®


Similar Part No. - TQP3M6005_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M6005 TRIQUINT-TQP3M6005 Datasheet
414Kb / 7P
   Mid Band Dual LNA (1700-2000 MHz)
More results

Similar Description - TQP3M6005_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M6005 TRIQUINT-TQP3M6005 Datasheet
414Kb / 7P
   Mid Band Dual LNA (1700-2000 MHz)
logo
Infineon Technologies A...
BGM15MA12 INFINEON-BGM15MA12 Datasheet
739Kb / 21P
   Mid-Band LNA Multiplexer Module
Revision 3.0 - 2015-07-24
logo
TriQuint Semiconductor
TQP3M6004 TRIQUINT-TQP3M6004_15 Datasheet
244Kb / 12P
   Low Band Dual LNA
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
New Japan Radio
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
logo
TriQuint Semiconductor
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
   Dual-Band TDMA LNA/Downconverter IC
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TQP3M6004 TRIQUINT-TQP3M6004 Datasheet
244Kb / 12P
   Low Band Dual LNA (700-915 MHz)
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
   X-Band LNA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com