Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD203R20S20PSC Datasheet(PDF) 6 Page - International Rectifier

Part # SD203R20S20PSC
Description  FAST RECOVERY DIODES Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD203R20S20PSC Datasheet(HTML) 6 Page - International Rectifier

  SD203R20S20PSC Datasheet HTML 1Page - International Rectifier SD203R20S20PSC Datasheet HTML 2Page - International Rectifier SD203R20S20PSC Datasheet HTML 3Page - International Rectifier SD203R20S20PSC Datasheet HTML 4Page - International Rectifier SD203R20S20PSC Datasheet HTML 5Page - International Rectifier SD203R20S20PSC Datasheet HTML 6Page - International Rectifier SD203R20S20PSC Datasheet HTML 7Page - International Rectifier SD203R20S20PSC Datasheet HTML 8Page - International Rectifier SD203R20S20PSC Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SD203N/R Series
6
www.irf.com
Bulletin I2064 rev. A 09/94
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 6 - Maximum Non-repetitive Surge Current
Fig. 5 - Maximum Non-repetitive Surge Current
70
80
90
100
110
120
130
0
40
80
120
160
200
240
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD203N/R Series
R
(DC) = 0.115 K/W
thJC
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD203N/R Series
R
(DC) = 0.115 K/W
thJC
0
50
100
150
200
250
300
350
0
50
100
150
200
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Angle
SD203N/R Series
T = 125°C
J
0
50
100
150
200
250
300
350
400
450
500
550
0
50
100
150
200
250
300
350
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
SD203N/R Series
T = 125°C
J
1000
1500
2000
2500
3000
3500
4000
4500
5000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
SD203N/R Series
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 125 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
SD203N/R Series
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current


Similar Part No. - SD203R20S20PSC

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD203DC CALOGIC-SD203DC Datasheet
27Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
SD203DC CALOGIC-SD203DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
SD203DC CALOGIC-SD203DC Datasheet
34Kb / 2P
   High-Speed Analog N-Channel Enhancement-Mode
logo
TRANSYS Electronics Lim...
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
Vishay Siliconix
SD203N/R04S10 VISHAY-SD203N/R04S10 Datasheet
258Kb / 10P
   Fast Recovery Diodes (Stud Version), 200 A
Revision: 08-Apr-08
More results

Similar Description - SD203R20S20PSC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com