Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N36605M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N36605M
Description  Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 5M (16-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N36605M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N36605M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N36605M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Singlemode 8.3/125 Fiber Patch Cable
(LC/SC), 5M (16-ft.)
MODEL NUMBER: N366-05M
Description
Tripp Lite's 5-meter, single mode duplex fiber optic LC/SC patch cable is manufactured from 8.3/125 zipcord
fiber. The cable has SC connectors on one end, LC connectors on the other, a PVC jacket, and is FDDI and
OFNR rated. Duplex single mode fiber is most commonly used in LAN applications.
Features
Manufactured from 8.3/125 duplex (zipcord) fiber
PVC jacket
Length: 1-meter. Connectors: 2 SC and 2 LC connectors on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Clad Diameter
125 micron
Core Diameter
8.3 micron
Number of Fibers
2
Fiber Type
8.3/125
Cable Type
Singlemode
Highlights
Premium PVC 8.3/125 micron
singlemode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
Twice the bandwidth throughput
of multimode cable
Applications
Networking equipment that
requires single mode fiber optic
patch cables
System Requirements
Any fiber optic hardware or NIC
card requiring singlemode duplex
cable with LC/SCconnectors
Package Includes
5-meter Duplex Single mode
Fiber Patch Cable, LC/SC
1 / 2


Similar Part No. - N36605M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N36601M TRIPPLITE-N36601M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 1M (3-ft.)
N36601MAP TRIPPLITE-N36601MAP Datasheet
489Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC to SC-APC), 1M (3-ft.)
N36602M TRIPPLITE-N36602M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 2M (6-ft.)
N36602MAP TRIPPLITE-N36602MAP Datasheet
488Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC to SC-APC), 2M (6-ft.)
N36603M TRIPPLITE-N36603M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 3M (10-ft.)
More results

Similar Description - N36605M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N366-05M TRIPPLITE-N366-05M Datasheet
165Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/SC), 5M (16-ft.)
N37005M TRIPPLITE-N37005M Datasheet
473Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 5M (16-ft.)
N35605M TRIPPLITE-N35605M Datasheet
474Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-SC), 5M (16-ft.)
N356-05M TRIPPLITE-N356-05M Datasheet
163Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/SC), 5M (16-ft.)
N370-05M TRIPPLITE-N370-05M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 5M (16-ft.)
N35405M TRIPPLITE-N35405M Datasheet
485Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-ST), 5M (16-ft.)
N354-05M TRIPPLITE-N354-05M Datasheet
159Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/ST), 5M (16-ft.)
N36805M TRIPPLITE-N36805M Datasheet
481Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 5M (16-ft.)
N368-05M TRIPPLITE-N368-05M Datasheet
165Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/ST), 5M (16-ft.)
N36615M TRIPPLITE-N36615M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 15M (50-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com