Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR2401 Datasheet(PDF) 2 Page - Lumins Inc.

Part # TR2401
Description  Cast aluminum removable top cover for quick maintenance.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

TR2401 Datasheet(HTML) 2 Page - Lumins Inc.

  TR2401 Datasheet HTML 1Page - Lumins Inc. TR2401 Datasheet HTML 2Page - Lumins Inc. TR2401 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
lUmINIs
Tr2401/Tr2402
TORX 22 - HID/CFL
2
5809
4357
2905
1452
4000
8000
DescriptiveInformation
Total initial Lms: 25600 Lumens (8 lamps)
Total watts.: 336 W
Lamps: Comp. Fluorescent
Total efficiency: 75%
Max Spacing ratio: 2.4
CIE Type: Semi-Direct
DescriptiveInformation
Total initial Lms: 25600 Lumens (8 lamps)
Total watts.: 336 W
Lamps: Comp. Fluorescent
Total efficiency: 74%
Max Spacing ratio: 2.8
CIE Type: Direct
Outdoor report
Polar graph
Outdoor report
Polar graph
Maximum Candela = 5809 Located at 35º
Maximum Candela = 7041 Located at 35º
Tr2401-F842
Tr2402-F842
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
TypIcAlphoTomeTrysUmmAry
sTANDArDcolors
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
opTIoNAlcolors
CS
Custom color
RAL RAL# color
(Refer to color chart)
TR2401
TR2402
120V
277V
347V 3
Suffix
M150E
M175PS
M200PS
M250PS
M320PS
M400PS
M210T
M315T
WattS
150W
175W
200W
250W
320W
400W
210W
315W
Lamp
ED17
ED28-PS
ED37-PS
T12/PGZX18
aNSi
M102
M152
M136
M153
M154
F432
F442
F457
F470
F632
F642
F657
F842
4X32W
4X42W
4X57W
4X70W
6X32W
6X42W
6X57W
8X42W
Gx24q
Lamp base
mODEL#
Lamp SELECtiON 1
VOLtaGE 2
fiNiSH
mEtaL HaLiDE
COmpaCt fLuORESCENt
lUmINAIreselecTIoN
ELECtRiCaL
mOuNtiNG
aCCESSORiES
blV
Bi-level controller including H.I.D. Bi-level capacitor
Dm2
Two lamp dimming 26/32/42W 120/277V (Philips Mark X)
Dm4
Two lamp dimming 57W 120/277V (Philips Mark X)
Dmy
Other types of dimming ballasts (See page 3)
em
Integral emergency battery back-up - 1 lamp (32/42W) 90 min.
em2
Integral emergency battery back-up - 2 lamps (32W) 90 min.
Fs
Fuse
Ds1
Separate lamp switching (2 lamp models)
Ds2
Separate lamp switching in pairs (4/6/8 lamp models)
Qrs
Quartz lamp standby restrike. Max. 100W bayonet lamp. 120-277V
Qs
120V Max. 100W bayonet lamp base for emergency external
power
sTc
Safety cable
sTm
Longer hang straight stem. Please add length with option suffix.
spg
Silver braided power cord with adjustable suspension
cable. 36” in length (other lengths on request)
TA
3/4” NPT conduit adaptor
hK
1” Diameter male hook supplied with 4/18 black power cord
36” in length
D22
Clear prismatic bottom conical lens
bc22 Aluminum lower diffuser band (same color as luminaire)
l22T
Frosted flat bottom lens (with center opening)
lb22
Cross blade louver (same color as luminaire)
gl22 Zinc plated concentric ring guard
rp8
Inner reflector specular aluminum. Exterior same color as
luminaire (available only on TR2402).
W22
Frosted acrylic refractor (available only on TR2401)
opTIoNs(Refer to page 3 for details)
NOtES
1- Unless specified, lamps are not included with luminaires.
2- Luminaires are factory prewired for 120V unless otherwise specified.
3- 347V on request.


Similar Part No. - TR2401

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
TR2402 LUMINIS-TR2402 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
logo
MORNSUN Science& Techno...
TR240PW MORNSUN-TR240PW Datasheet
579Kb / 4P
   Programmable Thermal Resistance Isolators
More results

Similar Description - TR2401

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
TR2402 LUMINIS-TR2402 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1702 LUMINIS-TR1702 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
PR1201 LUMINIS-PR1201_16 Datasheet
679Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1701 LUMINIS-TR1701 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
W670 LUMINIS-W670 Datasheet
1Mb / 4P
   Cast aluminum top removable sealed cover.
SY300 LUMINIS-SY300 Datasheet
397Kb / 2P
   Cast aluminum top cover.
SY305 LUMINIS-SY305 Datasheet
371Kb / 2P
   Cast aluminum top cover.
SY800 LUMINIS-SY800 Datasheet
393Kb / 2P
   Cast aluminum ventilated top cover.
SQ600 LUMINIS-SQ600 Datasheet
165Kb / 2P
   Cast aluminum ventilated top cover
SY600 LUMINIS-SY600 Datasheet
405Kb / 2P
   Cast aluminum ventilated top cover.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com