Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY800 Datasheet(PDF) 1 Page - Lumins Inc.

Part # SY800
Description  Cast aluminum ventilated top cover.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SY800 Datasheet(HTML) 1 Page - Lumins Inc.

  SY800 Datasheet HTML 1Page - Lumins Inc. SY800 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type:
QUANTITy:
projecT:
cATAlog
NUmber:
FIxTUre
WATTAge
VolTAge
FINIsh
opTIoN
opTIoN
opTIoN
opTIoN
mATerIAls
syriosleD is made of corrosion resistant 356 aluminum alloy with a copper
(CU) content of less than 0.1%.
The main housing is made of seamless extruded aluminum, with an
integrally sealed LED light module designed for optimal heat dissipation,
and lighting performance.
syriosleD is standard with a unique proprietary design allowing the sealed
LED module to tilt within the cylindrical housing.
The top cast aluminum cover includes ventilation slots allowing air
circulation and cooling of assembly.
syriosleD SY800 series is standard with 29º optic. See options section
for alternate selection.
elecTrIcAl
DrIVer Standard 0-10V dimmable LED driver is 120/277V multi volt
(50-60HZ) with operating temperatures of -30ºC/-22ºF
to 60ºC/140ºF. Output over voltage. Output over current and output
short circuit protection with auto-recovery.
leD
Standard 4000K LED platform included. Optional 3000K,
3500K and 5000K. Removable modular LED platform.
lIFe
54,000hrs L
76B50 (based on IESNA TM-21 Test Method and LM-80 data).
72,000hrs L
70B50 (calculated projection from LM-80 data).
FINIsh
Five-stage preparation process including preheating of cast aluminum parts for
air extraction, and an environmentally friendly alloy sealant. Polyester powder
coating is applied through an electrostatic process and oven cured for long term
finish.
moUNTINg
The mounting plate is designed to fit on a 4” (102) octagonal electrical
box using 3 1/2” (89) C/C mounting holes.
Additional mounting holes are provided as per site requirements.
cerTIFIcATIoN
Tested to UL1598 and CSA 22.2 #250. ETL listed wet location.
Rated IP66. CE Certification on request.
lUmINIs.com
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872 Email: info@luminis.com
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
lUmINIs
1
4-5-6-7
3
2
1
1- Cast aluminum driver housing.
Includes galvanized steel wall
mount pressure plate.
2- Cast aluminum ventilated top cover.
3- Seamless extruded aluminum
cylindrical housing.
4- Fully sealed cast aluminum light
assembly.
5- Sealed cast aluminum lens frame.
6- Clear tempered glass lens.
7- Faceted specular aluminum reflector.
All stainless steel hardware.
60º
0-30º
0-30º
Vertical
Adjustment
13.50”
(343)
13.25”
(336)
8.00”
(203)
5.75”
(146)
6.00”
(152)
sy800 SERIES
syrIos-leD
Wall up or down light
Mounting
syriosleD light module is designed with a tilting mechanism allowing
forward and back light adjustability. The
±30º directional module allows
to aim the light beam in the desired direction, without disturbing the
luminaire mounting. The module can be secured using the built in locking
mechanism.
Standard forward and back light throw
Ar180: Optional 180º angle left and right side
of luminaire.
Other adjustment factory set positions are available. Please consult factory.
6.00”
(152)
3.25”
(82)
11.00”
(279)
5.375”
(136)
Ø 3.50”
(Ø 89)
(4)
Ø 0.312”
(Ø8)
Ø 1.75”
(Ø 44)
11.00”
(279)


Similar Part No. - SY800

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003A SILERGY-SY8003A Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003ADFC SILERGY-SY8003ADFC Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8003DFC SILERGY-SY8003DFC Datasheet
858Kb / 10P
   High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8008A SILERGY-SY8008A Datasheet
203Kb / 5P
   High Efficiency 1.5MHz, 0.6A/1A/1.2A Synchronous Step Down Regulator Preliminary Spec
More results

Similar Description - SY800

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY600 LUMINIS-SY600 Datasheet
405Kb / 2P
   Cast aluminum ventilated top cover.
SY605 LUMINIS-SY605 Datasheet
364Kb / 2P
   Cast aluminum ventilated top cover.
SQ600 LUMINIS-SQ600 Datasheet
165Kb / 2P
   Cast aluminum ventilated top cover
SY610 LUMINIS-SY610 Datasheet
349Kb / 2P
   Cast aluminum ventilated top cover with ceiling mounting plate.
SY300 LUMINIS-SY300 Datasheet
397Kb / 2P
   Cast aluminum top cover.
SY305 LUMINIS-SY305 Datasheet
371Kb / 2P
   Cast aluminum top cover.
W670 LUMINIS-W670 Datasheet
1Mb / 4P
   Cast aluminum top removable sealed cover.
PR1201 LUMINIS-PR1201_16 Datasheet
679Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR2402 LUMINIS-TR2402 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1702 LUMINIS-TR1702 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com