Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY300 Datasheet(PDF) 2 Page - Lumins Inc.

Part # SY300
Description  Cast aluminum top cover.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SY300 Datasheet(HTML) 2 Page - Lumins Inc.

  SY300 Datasheet HTML 1Page - Lumins Inc. SY300 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872 Email: info@luminis.com
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
lUmINIs
2
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
TypIcAlphoTomeTrysUmmAry
MODEL#
SY300
lUmINAIreselecTIoN
sTANDArDcolors
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
(Refer to color chart)
opTIoNAlcolors
CS
Custom color
RAL RAL# color
SS3 #316 Stainless
steel body
120V
277V
LED LIGHT SELECTION
VOLTAGE
FINISH
opTIoNs
sy300 SERIES
syrIos-leD
DescriptiveInformation
SY300-L1W11r0
Total Lms: 1078 Lumens
Total Input Watts: 12.2 W
Source: LED
Efficacy: 88.36 Lumens/Watt
BUG: B1-U0-G0
CCT/CRI: 4000K/80
Maximum Candela: 1688 @ 0 deg
SuFFIx
INPuT WATTS
DELIVErED LuMENS
CrI
CCT ºK
L1W11r0
12W
1078
80
4000K
ELECTrICAL
LIGHT & OPTICS
Fs
Fuse
Alternate CCT ºK LED (LCF: Lumen conversion factor)
K3
3000K CCT 90 CRI (LCF: 0.78)
K35
3500K CCT 80 CRI (LCF: 0.983)
K5
5000K CCT 80 CRI (LCF: 1.01)
rgbW RGBW color changing with DMX512 ready
Alternate reflector optics (26º Standard reflector)
r40
40º flood optic
lsl
Linear spread lens
ADAcompliant
MOuNTING
sWK
Adaptor box for surface 3/4” conduit feed
mT4
Trimming plate for octagonal box
COLOr FILTEr
r3
Red color filter
g3
Green color filter
b3
Blue color filter


Similar Part No. - SY300

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY302 LUMINIS-SY302 Datasheet
390Kb / 2P
   Extruded aluminum cylindrical housing
SY305 LUMINIS-SY305 Datasheet
371Kb / 2P
   Cast aluminum top cover.
SY306 LUMINIS-SY306 Datasheet
391Kb / 2P
   Extruded aluminum cylindrical driver housing.
More results

Similar Description - SY300

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY305 LUMINIS-SY305 Datasheet
371Kb / 2P
   Cast aluminum top cover.
SY800 LUMINIS-SY800 Datasheet
393Kb / 2P
   Cast aluminum ventilated top cover.
SQ600 LUMINIS-SQ600 Datasheet
165Kb / 2P
   Cast aluminum ventilated top cover
SY600 LUMINIS-SY600 Datasheet
405Kb / 2P
   Cast aluminum ventilated top cover.
SY605 LUMINIS-SY605 Datasheet
364Kb / 2P
   Cast aluminum ventilated top cover.
W670 LUMINIS-W670 Datasheet
1Mb / 4P
   Cast aluminum top removable sealed cover.
PR1201 LUMINIS-PR1201_16 Datasheet
679Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR2402 LUMINIS-TR2402 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1702 LUMINIS-TR1702 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
TR1701 LUMINIS-TR1701 Datasheet
547Kb / 3P
   Cast aluminum removable top cover for quick maintenance.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com