Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM829007 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQM829007
Description  0.6-1.0 GHz W Digital Variable Gain Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM829007 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQM829007_15 Datasheet HTML 2Page - TriQuint Semiconductor TQM829007_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM829007_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM829007_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM829007_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM829007_15 Datasheet HTML 7Page - TriQuint Semiconductor TQM829007_15 Datasheet HTML 8Page - TriQuint Semiconductor TQM829007_15 Datasheet HTML 9Page - TriQuint Semiconductor TQM829007_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TQM829007
0.6-1.0 GHz ¼ W Digital Variable Gain Amplifier
Datasheet: Rev H 05-02-14
- 10 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 1C
Value:
Passes ≥ 1000 V to < 2000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JS-001-2012
ESD Rating: Class C3
Value:
Passes ≥ 1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101F
Solderability
Compatible with both lead-free (260 °C max. reflow
temp.) and tin/lead (245 °C max. reflow temp.) soldering
processes.
Package lead plating: electrolytic plated Au over Ni
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
MSL Rating: Level 3
Test:
+260 °C convection reflow
Standard:
JEDEC standard IPC/JEDEC J-STD-020
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web: www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@triquint.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjcapplications.engineering@triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - TQM829007_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM829007-PCB TRIQUINT-TQM829007-PCB Datasheet
737Kb / 12P
   0.6-1.0GHz 쩌W Digital Variable Gain Amplifier
More results

Similar Description - TQM829007_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007 Datasheet
737Kb / 12P
   0.6-1.0GHz 쩌W Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A Datasheet
902Kb / 11P
   1.4-2.7GHz W Digital Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com