Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2761 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2761
Description  Solution for designing a transition mode
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2761 Datasheet HTML 1Page - STMicroelectronics AN2761 Datasheet HTML 2Page - STMicroelectronics AN2761 Datasheet HTML 3Page - STMicroelectronics AN2761 Datasheet HTML 4Page - STMicroelectronics AN2761 Datasheet HTML 5Page - STMicroelectronics AN2761 Datasheet HTML 6Page - STMicroelectronics AN2761 Datasheet HTML 7Page - STMicroelectronics AN2761 Datasheet HTML 8Page - STMicroelectronics AN2761 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Introduction to power factor correction
AN2761
4/36
Doc ID 14690 Rev 2
1
Introduction to power factor correction
The front-end stage of conventional offline converters, typically consisting of a full-wave
rectifier bridge with a capacitor filter, has an unregulated DC bus from the AC mains. The
filter capacitor must be large enough to have a relatively low ripple superimposed on the DC
level. This means that the instantaneous line voltage is below the voltage on the capacitor
most of the time, thus the rectifiers conduct only for a small portion of each line half-cycle.
The current drawn from the mains is then a series of narrow pulses whose amplitude is 5-10
times higher than the resulting DC value. Many drawbacks result such as a much higher
peak and RMS current down from the line, distortion of the AC line voltage, overcurrents in
the neutral line of the three-phase systems and, consequently, a poor utilization of the power
system's energy capability. This can be measured in terms of either total harmonic distortion
(THD), as norms provide for, or power factor (PF), intended as the ratio between the real
power (the one transferred to the output) and the apparent power (RMS line voltage times
RMS line current) drawn from the mains, which is more immediate. A traditional input stage
with capacitive filter has a low PF (0.5-0.7) and a high THD (>100%). By using switching
techniques, a power factor corrector (PFC) preregulator, located between the rectifier bridge
and the filter capacitor, allows drawing a quasi-sinusoidal current from the mains, in phase
with the line voltage. The PF becomes very close to 1 (more than 0.99 is possible) and the
previously mentioned drawbacks are eliminated. Theoretically, any switching topology can
be used to achieve a high PF but, in practice, the boost topology has become the most
popular thanks to the advantages it offers:
primarily because the circuit requires the fewest external parts (low-cost solution)
the boost inductor located between the bridge and the switch causes the input di/dt to
be low, thus minimizing the noise generated at the input and, therefore, the
requirements on the input EMI filter
the switch is source-grounded, therefore easy to drive
However, boost topology requires the DC output voltage to be higher than the maximum
expected line peak voltage (400 VDC is a typical value for 230 V or wide-range mains
applications). In addition, there is no isolation between the input and output, thus any line
voltage surge is passed on to the output. Two methods of controlling a PFC preregulator are
currently widely used: the fixed frequency average current mode PWM (FF PWM) and the
transition mode (TM) PWM (fixed ON-time, variable frequency). The first method needs a
complex control that requires a sophisticated controller IC (ST's L4981A, with the variant of
the frequency modulation offered by the L4981B) and a considerable component count. The
second one requires a simpler control (implemented by ST's L6562A), much fewer external
parts and is therefore much less expensive. With the first method the boost inductor works
in continuous conduction mode, while TM makes the inductor work on the boundary
between continuous and discontinuous mode, by definition. For a given throughput power,
TM operation involves higher peak currents. This, also consistently with cost considerations,
suggests its use in a lower power range (typically below 200 W), while the former is
recommended for higher power levels. For completion, FF PWM is not the only alternative
when CCM operation is desired. FF PWM modulates both switch ON and OFF times (their
sum is constant by definition), and a given converter operates in either CCM or DCM
depending on the input voltage and the load conditions. Exactly the same result can be
achieved if the ON-time only is modulated and the OFF-time is kept constant, in which case,
however, the switching frequency is no longer fixed. This is referred to as "fixed-OFF-time"
(FOT) control. Peak-current-mode control can still be used. In this application note transition
mode is studied in depth.


Similar Part No. - AN2761

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2760 STMICROELECTRONICS-AN2760 Datasheet
215Kb / 14P
   Using clock distribution circuits in smart phone system design
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
More results

Similar Description - AN2761

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2782 STMICROELECTRONICS-AN2782 Datasheet
1Mb / 39P
   Solution for designing a 400 W fixed-off-time controlled
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
   Solution for designing a 400 W fixed-off-time controlled
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
   Solution for designing a fixed off-time controlled PFC pre-regulator
logo
NXP Semiconductors
AN10897 NXP-AN10897 Datasheet
241Kb / 30P
   A guide to designing for ESD and EMC
Rev. 02-19 January 2010
logo
SHANGHAI BELLING CO., L...
BL6562 BELLING-BL6562 Datasheet
569Kb / 6P
   Transition-mode control
logo
Microchip Technology
AN912 MICROCHIP-AN912 Datasheet
428Kb / 16P
   Designing LF Talkback for a Magnetic Base Station
2004
logo
Excelliance MOS Corp.
EM8609A EXCELLIANCE-EM8609A Datasheet
161Kb / 6P
   Transition Mode PFC Controller for LED Lighting
logo
STMicroelectronics
HVLED007 STMICROELECTRONICS-HVLED007 Datasheet
1Mb / 33P
   Transition mode PFC controller for flyback converters
January 2019 Rev 1
AN3978 STMICROELECTRONICS-AN3978 Datasheet
1,008Kb / 19P
   Designing a digital output module
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com