Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2713 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2713 Datasheet HTML 1Page - STMicroelectronics AN2713 Datasheet HTML 2Page - STMicroelectronics AN2713 Datasheet HTML 3Page - STMicroelectronics AN2713 Datasheet HTML 4Page - STMicroelectronics AN2713 Datasheet HTML 5Page - STMicroelectronics AN2713 Datasheet HTML 6Page - STMicroelectronics AN2713 Datasheet HTML 7Page - STMicroelectronics AN2713 Datasheet HTML 8Page - STMicroelectronics AN2713 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
November 2009
Doc ID 14431 Rev 1
1/40
AN2713
Application note
LNB power supply based on the LNBH23 supply
and control IC with step-up and I²C interface
Introduction
This application note is intended to provide additional information and suggestions for the
correct use of the LNBH23 device. All waveforms shown are based on the demonstration
board (order code STEVAL-CBL003V1) described in Section 5.
The LNBH23 is an integrated solution for supplying/interfacing satellite LNB modules. It
provides good performance in a simply and cheaply way, with minimum external
components necessary. It includes all functions needed for LNB supply and interfacing, in
accordance with international standards. Moreover, it includes an I2C bus interface and,
thanks to a fully integrated step-up DC-DC converter, it functions with a single input voltage
supply ranging from 8 V to 15 V.
Figure 1.
LNBH23 internal block diagram
SDA
SCL
LNBH23
ADDR
A-GND
I²C Diagnostics
I²C interface
DSQIN
Vup
VoRX
VoTX
LX
22KHz
Oscill.
Rsense
EN
VSEL
Linear Post-reg
+Modulator
+Protections
+Diagnostics
ITEST
TTX
EN
VSEL
VOUT Control
EXTM
P-GND
Preregulator
+U.V.lockout
+P.ON reset
Byp
Vcc
Vcc-L
ISEL
TTX
TEN
DSQOUT
DETIN
22KHz Tone
Amp. Diagn.
22KHz Tone
Freq. Detector
TTX
VCTRL
www.st.com


Similar Part No. - AN2713

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2710 STMICROELECTRONICS-AN2710 Datasheet
313Kb / 30P
   Safe GPIO port configuration in STR7xx devices
AN2711 STMICROELECTRONICS-AN2711 Datasheet
1Mb / 36P
   The cost of power LEDs is rapidly decreasing
AN2715 STMICROELECTRONICS-AN2715 Datasheet
182Kb / 12P
   IBIS models for signal integrity simulation of SPEAr600 applications
AN2716 STMICROELECTRONICS-AN2716 Datasheet
1Mb / 28P
   STCC08 application guidelines
AN2719 STMICROELECTRONICS-AN2719 Datasheet
242Kb / 22P
   Precision improvement techniques
More results

Similar Description - AN2713

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
   Dual LNB power supply based on the LNBH24L
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
   Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
February 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com