Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2680 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2680
Description  Fan speed controller based on STDS75 or STLM75 digital
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2680 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2680 Datasheet HTML 1Page - STMicroelectronics AN2680 Datasheet HTML 2Page - STMicroelectronics AN2680 Datasheet HTML 3Page - STMicroelectronics AN2680 Datasheet HTML 4Page - STMicroelectronics AN2680 Datasheet HTML 5Page - STMicroelectronics AN2680 Datasheet HTML 6Page - STMicroelectronics AN2680 Datasheet HTML 7Page - STMicroelectronics AN2680 Datasheet HTML 8Page - STMicroelectronics AN2680 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN2680
Digital temperature sensor
3/15
1
Digital temperature sensor
The STDS75 and STLM75 are digital temperature sensors that measure the ambient
temperature and give the digital output. Both the STDS75 and STLM75 are 8-pin ICs
available in two packages, SO-8 and TSSOP-8. The measurable temperature range of the
sensors is -55 °C to 125 °C.
The STLM75 and STDS75 differ only in terms of the resolution of the temperature data. The
STLM75 has a fixed 9-bit resolution whereas the STDS75 has configurable resolution
starting from 9 to 12 bits. In the present application, we move with the default resolution
settings of the sensor that is 9 bits and thus both the STDS75 and STLM75 are dealt with in
the same manner.
Figure 1.
Temperature sensor pin description
1.1
Theory of operation
This temperature sensor is a high-precision CMOS IC with a delta-sigma analog-to-digital
converter (ADC) and I2C compatible serial digital interface. The on board delta-sigma ADC
converts the measured temperature to a digital value that is calibrated in degree Celsius.
Negative temperature is shown in two's compliment form. The sensor also has an alarm
output signal.
Table 1.
Pin description
Name
Description
SDA
Serial data input output pin
SCL
Serial clock input pin
Alarm
Alarm output pin
GND
DC ground
A0,A1,A2
Address lines
VCC
Supply voltage (2.7 V- 5.5 V)


Similar Part No. - AN2680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2682 STMICROELECTRONICS-AN2682 Datasheet
164Kb / 15P
   This application note describes how to interface
AN2683 STMICROELECTRONICS-AN2683 Datasheet
598Kb / 38P
   Compact dual output point of load converter
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
   The STEVAL-IFP006V1 demonstration board has been developed
AN2686 STMICROELECTRONICS-AN2686 Datasheet
525Kb / 11P
   Using the STVM100 to fully auto adjust LCD flicker
AN2687 STMICROELECTRONICS-AN2687 Datasheet
400Kb / 22P
   STM8S20xxx LCD software driver
More results

Similar Description - AN2680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFS003V1 STMICROELECTRONICS-STEVAL-IFS003V1 Datasheet
111Kb / 4P
   Temperature sensor board based on STLM75/STDS75 and ST72F651AR6
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G764 GMT-G764 Datasheet
32Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
   FAN SPEED CONTROLLER
R2_0215
logo
SMSC Corporation
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
   RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
   RPM-Based PWM Fan Controller
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
   Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
   PWM Fan Speed Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com