Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2644 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2644 Datasheet HTML 1Page - STMicroelectronics AN2644 Datasheet HTML 2Page - STMicroelectronics AN2644 Datasheet HTML 3Page - STMicroelectronics AN2644 Datasheet HTML 4Page - STMicroelectronics AN2644 Datasheet HTML 5Page - STMicroelectronics AN2644 Datasheet HTML 6Page - STMicroelectronics AN2644 Datasheet HTML 7Page - STMicroelectronics AN2644 Datasheet HTML 8Page - STMicroelectronics AN2644 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
List of figures
AN2644
4/64
List of figures
Figure 1.
LLC resonant topology schematics and waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
General block diagram of a resonant inverter, the core of resonant converters . . . . . . . . . . 5
Figure 3.
LLC resonant half-bridge schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
LLC resonant half-bridge with split resonant capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Equivalent schematic of a real transformer (left, tapped secondary; right, single
secondary) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
Example of high-leakage magnetic structures (cross-section) . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Equivalent schematic of a transformer including parasitic capacitance . . . . . . . . . . . . . . . 12
Figure 8.
Power MOSFET totem-pole network driving a resonant tank circuit in a half-bridge
converter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Detail of Q1 ON-OFF and Q2 OFF-ON transitions with soft-switching for Q2 . . . . . . . . . . 14
Figure 10.
Q2 gate voltage at turn-on: with soft-switching . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 11.
Q2 gate voltage at turn-on: with hard-switching (no ZVS) . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Q1 ON-OFF and Q2 OFF-ON transitions with hard switching for Q2 and recovery for
DQ1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 13.
Bridge leg transitions in the neighborhood of inductive-capacitive regions boundary . . . . 17
Figure 14.
Bridge leg transitions under no-load conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 15.
Reference LLC converter for the analysis of the fundamental operating modes . . . . . . . . 21
Figure 16.
Operation at resonance (f = fR1): main waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 17.
Operation above resonance (f > fR1): main waveforms in CCMA operation at heavy load 25
Figure 18.
Operation above resonance (f > fR1): main waveforms in DCMA operation at medium
load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 19.
Operation above resonance (f > fR1): main waveforms in DCMAB operation at light
load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 20.
Operation below resonance (fR2 < f < fR1 , R>Rcrit): main waveforms in DCMAB
operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 21.
Operation below resonance (fR2 < f < fR1, R>Rcrit): main waveforms in DCMB2 operation 32
Figure 22.
Capacitive mode operation below resonance (fR2 < f < fR1, R<Rcrit): main waveforms . . . 35
Figure 23.
No-load operation (cutoff): main waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 24.
Circuit's equivalent schematic under: no-load conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 25.
Circuit's equivalent schematic under: short-circuit conditions. . . . . . . . . . . . . . . . . . . . . . . 38
Figure 26.
Converter's startup: main waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 27.
High-side driving with bootstrap approach and bootstrap capacitor charge path . . . . . . . . 41
Figure 28.
Frequency compensation with an isolated type 3 amplifier (3 poles + 2 zeros) . . . . . . . . 45
Figure 29.
Comparison of gate-charge characteristics with and without ZVS . . . . . . . . . . . . . . . . . . . 48
Figure 30.
Equivalent circuit to analyze the transitions of the half-bridge midpoint node when Q2
turns off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 31.
Voltage of HB node vs time (see Equation 32) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 32.
Resonant current vs time (see Equation 34) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 33.
Capacitance associated to the half-bridge midpoint node . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 34.
Coss capacitances vs. half-bridge midpoint's voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 35.
Simplified schematic to analyze transition times of the node HB when Q2 turns off . . . . . 56
Figure 36.
Schematization of Q2 turn-off transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 37.
Input current components in a split-capacitor LLC resonant half-bridge. . . . . . . . . . . . . . . 61
Figure 38.
Timing diagram showing currents flow in the converter of Figure 37 . . . . . . . . . . . . . . . . . 61


Similar Part No. - AN2644

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
   Intelligent multipower digital ballast for fluorescent lamps
logo
List of Unclassifed Man...
AN2640K ETC-AN2640K Datasheet
301Kb / 4P
   VHD VIDEO DISC PLAYER CHROMA AND LUMINANCE PROCESSING CIRCUIT
logo
STMicroelectronics
AN2641 STMICROELECTRONICS-AN2641 Datasheet
424Kb / 37P
   Using the color LCD controller
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
   Migration and compatibility guidelines for STM8S microcontroller applications
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
   Smartcard interface with the STM8S microcontroller
More results

Similar Description - AN2644

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8085 ONSEMI-AND8085 Datasheet
23Kb / 2P
   An Introduction to FST
April, 2002 ??Rev. 0
logo
STMicroelectronics
AN3303 STMICROELECTRONICS-AN3303 Datasheet
2Mb / 27P
   Secondary-side rectification for an LLC resonant converter
logo
Microchip Technology
TB003 MICROCHIP-TB003 Datasheet
100Kb / 12P
   An Introduction to KELLOQ짰 Code Hopping
1996 - 1999
logo
MPS Industries, Inc.
P6503 MPSIND-P6503 Datasheet
462Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
   Half-bridge LLC Resonant Converter
logo
MPS Industries, Inc.
P6504 MPSIND-P6504 Datasheet
463Kb / 1P
   HALF BRIDGE LLC RESONANT TRANSFORMER
logo
ON Semiconductor
FAN7688 ONSEMI-FAN7688 Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
logo
STMicroelectronics
AN2142 STMICROELECTRONICS-AN2142 Datasheet
705Kb / 16P
   This document provides an introduction to the Tasking toolchain
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com