Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2623 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2623
Description  Evaluation board for off-line forward converter based on L5991
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2623 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2623 Datasheet HTML 1Page - STMicroelectronics AN2623 Datasheet HTML 2Page - STMicroelectronics AN2623 Datasheet HTML 3Page - STMicroelectronics AN2623 Datasheet HTML 4Page - STMicroelectronics AN2623 Datasheet HTML 5Page - STMicroelectronics AN2623 Datasheet HTML 6Page - STMicroelectronics AN2623 Datasheet HTML 7Page - STMicroelectronics AN2623 Datasheet HTML 8Page - STMicroelectronics AN2623 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AN2623
Main characteristics
5/25
2
Main characteristics
The design procedure is presented in this section and we will refer to the electrical
schematic in Figure 4. The power supply electrical specifications are shown in Table 1
below.
Table 1.
Input and output parameters
Input parameters
Vin
Input voltage
88 ÷ 290 VRMS
fline
Line frequency
50/60 Hz
Output parameters
Vout
Output voltage
35 V
Iout
Output current
4.5 A max continuous, 0.45 A min
Pout
Output power
160 W max
Efficiency at full load
80%
∆Vout%
Max tolerance on output voltage
3%
∆Vout HF
Max output voltage ripple at switching frequency
350 mV
TA max
Maximum ambient temperature
70 °C


Similar Part No. - AN2623

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN262 ETC2-AN262 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2620 STMICROELECTRONICS-AN2620 Datasheet
1Mb / 20P
   3 A high-frequency synchronous 900 kHz
AN2621 STMICROELECTRONICS-AN2621 Datasheet
85Kb / 5P
   TS488/9 low power stereo headphone amplifier
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
   UMTS triple band LNA-IC
logo
STMicroelectronics
AN2622 STMICROELECTRONICS-AN2622 Datasheet
122Kb / 5P
   TS4909 low power stereo headphone amplifier
More results

Similar Description - AN2623

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
   60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
AN1686 STMICROELECTRONICS-AN1686 Datasheet
96Kb / 7P
   AN L5991-BASED CONVERTER WITH
STEVAL-ISA007V1 STMICROELECTRONICS-STEVAL-ISA007V1 Datasheet
129Kb / 5P
   High power 3-phase auxiliary power supply evaluation board Based on L5991 and ESBT STC08DE150HV
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
   Audio player evaluation board based on ST7Lite
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
   Motor driver evaluation board based on VNH5019A
September 2013 Rev 3
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
   Flyback AC-DC converter evaluation board based on the VIPer53-E
December 2007 Rev 2
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
   Motor driver evaluation board based on VNH5050A
September 2013 Rev 3
STEVAL-ISA039V1 STMICROELECTRONICS-STEVAL-ISA039V1 Datasheet
108Kb / 4P
   Single phase 5A step-down converter evaluation board based on L6727
July 2007 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com