Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2566 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2566
Description  PM6680 evaluation kit dual step-down controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2566 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2566 Datasheet HTML 4Page - STMicroelectronics AN2566 Datasheet HTML 5Page - STMicroelectronics AN2566 Datasheet HTML 6Page - STMicroelectronics AN2566 Datasheet HTML 7Page - STMicroelectronics AN2566 Datasheet HTML 8Page - STMicroelectronics AN2566 Datasheet HTML 9Page - STMicroelectronics AN2566 Datasheet HTML 10Page - STMicroelectronics AN2566 Datasheet HTML 11Page - STMicroelectronics AN2566 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Component list
AN2566
8/29
L1
1.5 µH inductor, 12 A
sat.
13 mm x
13 mm
1.5 µH
Coilcraft
MLC1538-152ML
L2
2.5 µH inductor, 8 A
sat.
13 mm x
13 mm
2.5 µH
Coilcraft
MLC1550-252ML
M1
MOSFET control FET
SO-8
SO-8
STMicroelectronics
STS12NH3LL
M2
MOSFET control FET
SO-8
SO-8
STMicroelectronics
STS12NH3LL
M3
MOSFET Sync FET
SO-8
SO-8
STMicroelectronics
STS12NH3LL
M4
MOSFET Sync FET
SO-8
SO-8
STMicroelectronics
STS12NH3LL
R7,R8
Resistor
0805
680
Standard
R3
Resistor
0805
22 k
Standard
R4
Resistor
0805
36 k
Standard
R5
Resistor
0805
3.3 k
Standard
R6
Resistor
0805
3 k
Standard
R24
Resistor
0805
1.1 k
Standard
R25
Resistor
0805
820
Standard
R9
Resistor
0805
47
Standard
R10,R11
Resistor
0805
10
Standard
R12,R13,
R14,R15
Resistor
0603
100 k
Standard
R16
Resistor
0603
150 k
Standard
R18,R19
Resistor
0603
Not installed
R17
Resistor
0603
560 k
Standard
R26
Resistor
1206
3.9
Standard
R20, R21,
R22, R23
Resistor
0805
0
Standard
R27
Resistor
0805
10 k
Standard
R28
Resistor
0805
6.8 k
Standard
R29
Resistor
0805
11 k
Standard
R30
Resistor
0805
1.8 k
Standard
R31
Resistor
0805
Not installed
Standard
R32
Resistor
0805
Not installed
Standard
RLD5V,
RLD3V
Resistor
0805
Not installed
Standard
Table 1.
Component list (continued)
Name
Description
Size
Value
Supplier
Part number


Similar Part No. - AN2566

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN256 SILABS-AN256 Datasheet
210Kb / 8P
   INTEGRATED PHASE NOISE
logo
Infineon Technologies A...
AN256 INFINEON-AN256 Datasheet
395Kb / 11P
   Ul t ra Low Vol tage Drop LED
Revision: 0.1 20 June 2011
logo
STMicroelectronics
AN2565 STMICROELECTRONICS-AN2565 Datasheet
1Mb / 29P
   PM6680A evaluation kit dual step-down controller with auxiliary voltages
More results

Similar Description - AN2566

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2565 STMICROELECTRONICS-AN2565 Datasheet
1Mb / 29P
   PM6680A evaluation kit dual step-down controller with auxiliary voltages
logo
Monolithic Power System...
EV24894-J-00A MPS-EV24894-J-00A Datasheet
208Kb / 7P
   Step-Down WLED-Curernt Controller Evaluation Board
logo
Texas Instruments
TPS51225 TI1-TPS51225_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller
logo
STMicroelectronics
STEVAL-ISA053V1 STMICROELECTRONICS-STEVAL-ISA053V1 Datasheet
189Kb / 4P
   Demonstration board for the PM6680 dual step-down controller with adjustable output voltage for notebook power system
logo
Monolithic Power System...
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
logo
Analog Technologies, In...
TECEV103 ANALOGTECHNOLOGIES-TECEV103 Datasheet
1Mb / 5P
   TEC CONTROLLER EVALUATION KIT TECEV103
8/25/04
logo
List of Unclassifed Man...
TECEV103 ETC2-TECEV103 Datasheet
1Mb / 5P
   TEC CONTROLLER EVALUATION KIT TECEV103
logo
Maxim Integrated Produc...
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com