Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASR2M Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # ASR2M
Description  Surface Mount Standard Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

ASR2M Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  ASR2M Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD ASR2M Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
ASR2A~ASR2M(GS2A~GS2M)
Surface Mount Standard Rectifiers
Major Ratings and Characteristics
Features
Low profile space
Ideal for automated placement
Glass passivated chip junction
Low forward voltage drop
Low leakage current
High forward surage capability
High temperatrue soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC DO-214AC molded plastic
over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol ASR2A
(GS2A)
ASR2B
(GS2B)
ASR2D
(GS2D)
ASR2G
(GS2G)
ASR2J
(GS2J)
ASR2K
(GS2K)
ASR2M
(GS2M) UNIT
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
VF
V
μ
A
μ
A
CJ
p F
RθJA
/ W
TJ, TSTG
IF(AV)
2.0 A
VRRM
50 V to 1000 V
IFSM
60 A
IR
5 μA
VF
1.1 V
Tj max.
150 °C
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
60
Maximum instantaneous forwad voltage at 2.0A
1.1
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 125℃
IR
5.0
125
Operating junction and storage
temperature range
55 to +150
Typical junction capacitance at 4.0 V ,1MHz
30
Thermal resistance from junction to ambient
75
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - ASR2M

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
ASR21P13P CIT-ASR21P13P Datasheet
655Kb / 8P
   CIT SWITCH
ASR21P23P CIT-ASR21P23P Datasheet
655Kb / 8P
   CIT SWITCH
ASR21P43P CIT-ASR21P43P Datasheet
655Kb / 8P
   CIT SWITCH
ASR21P47P CIT-ASR21P47P Datasheet
655Kb / 8P
   CIT SWITCH
ASR21P48P CIT-ASR21P48P Datasheet
655Kb / 8P
   CIT SWITCH
More results

Similar Description - ASR2M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
MASR1A JUXING-MASR1A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
MASR0.5A JUXING-MASR0.5A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S2A JUXING-S2A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S1A_DO-214AC JUXING-S1A_DO-214AC Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
S1A_DO-214AA JUXING-S1A_DO-214AA Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
DSR0.7A JUXING-DSR0.7A Datasheet
2Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
S05M CHENDA-S05M Datasheet
420Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
S2A-214AC JUXING-S2A-214AC Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
   Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
   Surface Mount Standard Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com