Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17P068 Datasheet(PDF) 10 Page - NEC

Part # UPD17P068
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP HARDWARE FOR TV SYSTEMS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P068 Datasheet(HTML) 10 Page - NEC

Back Button UPD17P068 Datasheet HTML 6Page - NEC UPD17P068 Datasheet HTML 7Page - NEC UPD17P068 Datasheet HTML 8Page - NEC UPD17P068 Datasheet HTML 9Page - NEC UPD17P068 Datasheet HTML 10Page - NEC UPD17P068 Datasheet HTML 11Page - NEC UPD17P068 Datasheet HTML 12Page - NEC UPD17P068 Datasheet HTML 13Page - NEC UPD17P068 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
µPD17P068
(2) Non-port pins
Pin Name
Description
I/O
Output Type
When Reset
Shared by
This pin outputs signals from the charge
pump of the PLL frequency synthesizer.
If the frequency divided from the local
EO
oscillator (VCO) frequency is higher (lower)
O
CMOS 3-state
High-impedance
than the reference frequency, high (low)
level is output from this pin, respectively.
When the two frequencies match, this pin
is placed in the high-impedance state.
This pin outputs pulse swallow control
PSC
signal. This signal switches division ratio
O
CMOS push-pull
Output
for the dedicated prescaler
µPB595.
This pin is the input of the local oscillator.
The output signal coming from the local
oscillator (VCO) in the tuner and divided by
VCO
the dedicated prescaler
µPB595 should be
I
input to this pin, where the
µPB595 is a
two-module prescaler capable of frequency
division up to 1 GHz.
This pin is the input of the H sync signal
HSCNT
I
Input
P0B3
counter.
This active-high pin outputs blanking
BLANK
O
CMOS push-pull
Low level output
signals to delete video signals.
This active-high pin outputs character
RED
data that correspond the R signal (one of
O
CMOS push-pull
Low level output
the RGB signals of IDC).
This active-high pin outputs character data
GREEN
that correspond the G signal (one of the
O
CMOS push-pull
Low level output
RGB signals of IDC).
This active-high pin outputs character data
BLUE
that correspond the B signal (one of the
O
CMOS push-pull
Low level output
RGB signals of IDC).
This pin outputs character data that
I
O
CMOS push-pull
Input
P0B2
correspond the I signal of IDC.
The H sync signals for IDC should be
HSYNC
I
Input
input to this pin in an active-low manner.
The V sync signals for IDC should be input
VSYNC
I
Input
to this pin in an active-low manner.
These are the input and output pins of the
LC oscillation circuit for IDC. Adjust the
oscillation frequency to 10 MHz.
These are the analog input pins of the
I
Input
6-bit resolution A/D converter.
These are the analog input pins of the
I
Input
6-bit resolution A/D converter.
P0D0/XTOUT
P0D1/XTIN
P0D2
P0D3
P1C0
P1C2
OSCIN
OSCOUT
ADC0
ADC1
ADC2
ADC3
ADC4
ADC5
ADC7
Internally
pulled down


Similar Part No. - UPD17P068

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17P068 RENESAS-UPD17P068 Datasheet
368Kb / 38P
   MOS INTEGRATED CIRCUIT
1995
UPD17P068GF-3BA RENESAS-UPD17P068GF-3BA Datasheet
368Kb / 38P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD17P068

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17P005 NEC-UPD17P005 Datasheet
1Mb / 30P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH ONE-TIME PROM AND HARDWARE FOR DIGITAL TUINING SYSTEMS?
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17P709 NEC-UPD17P709 Datasheet
201Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
logo
Sanyo Semicon Device
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
logo
NEC
UPD17P401 NEC-UPD17P401 Datasheet
2Mb / 32P
   ONE-TIME PROM VERSION 4-BIT SINGLE CHIP MICROCONTROLLER WITH DEDICATED ON-CHIP VCR CAMERA HARDWARE
logo
Panasonic Semiconductor
MN1514 PANASONIC-MN1514 Datasheet
381Kb / 2P
   NMOS 4-Bit Single-Chip Microcomputer for TV Digital Tunning Systems
logo
Rohm
BU34381 ROHM-BU34381 Datasheet
211Kb / 10P
   Single-chip 4-bit microcontroller for
BU34440 ROHM-BU34440 Datasheet
148Kb / 7P
   Single-chip 4-bit microcontroller for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com