Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM8M9075 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQM8M9075
Description  0.05 ??4 GHz Digital Variable Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM8M9075 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TQM8M9075 Datasheet HTML 1Page - TriQuint Semiconductor TQM8M9075 Datasheet HTML 2Page - TriQuint Semiconductor TQM8M9075 Datasheet HTML 3Page - TriQuint Semiconductor TQM8M9075 Datasheet HTML 4Page - TriQuint Semiconductor TQM8M9075 Datasheet HTML 5Page - TriQuint Semiconductor TQM8M9075 Datasheet HTML 6Page - TriQuint Semiconductor TQM8M9075 Datasheet HTML 7Page - TriQuint Semiconductor TQM8M9075 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TQM8M9075
0.05 – 4 GHz Digital Variable Gain Amplifier
Pin Configuration and Description
Top View
AMPin
GND
GND
ATTout
ACG1
ACG2
ACG3
ACG4
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
NC
NC
NC
NC
NC
NC
V
DD
6-BIT
SPI
DSA
Pin No.
Symbol
Description
1
AMPin
Amp RF input. External DC block required.
2, 3,13, 28, 30, 31, 32
GND (Ground)
DC ground
11, 15, 16, 18-24
NC (No Connect)
No electrical connection. Provide land pads for PCB mounting integrity.
29
AMPout/VAMP
Amp RF output / DC supply. External DC block and bias choke required.
12
ATTin
DSA Input
4
ATTout
DSA Output
5, 6, 7, 8, 9, 10
ACG1-6
Place external capacitor to Ground for applications below 700 MHz.
14
SOD
Serial Output Data
17
Vdd
DC supply into SPI and DSA
25
CLK
Serial Clock
26
SID
Serial Input Data
27
LE
Latch Enable
Backside Pad
RF/DC GND
RF/DC ground. Use recommended via pattern and ensure good solder attach for
best thermal and electrical performance.
Evaluation Board PCB Information
TriQuint PCB 1081051 Material and Stack-up
50 ohm line dimensions: width = .026”, spacing = .032”
Datasheet Rev. H 10-20-14
- 6 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQM8M9075

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results

Similar Description - TQM8M9075

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQM8M9077 QORVO-TQM8M9077 Datasheet
451Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076 Datasheet
904Kb / 10P
   0.05-4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077_15 Datasheet
451Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9076 TRIQUINT-TQM8M9076_15 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com