Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQM8M9074 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQM8M9074
Description  0.05 ??4 GHz Digital Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM8M9074 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQM8M9074_15 Datasheet HTML 1Page - TriQuint Semiconductor TQM8M9074_15 Datasheet HTML 2Page - TriQuint Semiconductor TQM8M9074_15 Datasheet HTML 3Page - TriQuint Semiconductor TQM8M9074_15 Datasheet HTML 4Page - TriQuint Semiconductor TQM8M9074_15 Datasheet HTML 5Page - TriQuint Semiconductor TQM8M9074_15 Datasheet HTML 6Page - TriQuint Semiconductor TQM8M9074_15 Datasheet HTML 7Page - TriQuint Semiconductor TQM8M9074_15 Datasheet HTML 8Page - TriQuint Semiconductor TQM8M9074_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TQM8M9074
0.05 – 4 GHz Digital Variable Gain Amplifier
Typical Performance
− 920 MHz Reference Design
Test conditions unless otherwise noted: VCC=+5 V, ICC=240
mA (typ.), Temp=+25 °C
Parameter
Conditions
Typical Value
Units
Frequency
869
920
960
MHz
Gain
29.2
28.9
28.6
dB
Input Return Loss
18.9
19.4
19.2
dB
Output Return Loss
14.2
13.2
12.8
dB
Output P1dB
+27.2
+27.5
+27.8
dBm
Output IP3
Pout=+16
 dBm/ tone, 1 MHz tone spacing
+42.5
+44.5
+47.0
dBm
Pout
ACLR=
−50 dBc, Single carrier, 10.2 PAR
+18.4
+19.0
+19.3
dBm
Performance Plots
− 920 MHz Reference Design
Test conditions unless otherwise noted: VCC=+5 V, ICC=240
mA (typ.), Temp=+25 °C
25
26
27
28
29
30
840
860
880
900
920
940
960
980
Frequency (MHz)
Gain vs. Frequency
T=+25
°C
-25
-20
-15
-10
-5
0
840
860
880
900
920
940
960
980
Frequency (MHz)
Return Loss vs. Frequency
Input Rtn. Loss
Output Rtn. Loss
T=+25
°C
35
40
45
50
55
10
12
14
16
18
Output Power per tone (dBm)
OIP3 vs. Output Power per Tone
T=+25
°C
960 MHz
920 MHz
869 MHz
24
25
26
27
28
29
30
860
880
900
920
940
960
Frequency (MHz)
P1dB vs. Frequency
T=+25
°C
-70
-65
-60
-55
-50
-45
-40
15
16
17
18
19
20
Output Power (dBm)
ACLR vs. Average Output Power
Single Carrier
W-CDMA 3GPP Test Model 1+64 DPCH
PAR=10.2 @ 0.01% Probability, 3.84 MHz BW
960 MHz
920 MHz
869 MHz
T=+25
°C
Datasheet Rev. D 08-04-14
- 4 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQM8M9074_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074 Datasheet
940Kb / 9P
   W High Linearity Variable Gain Amplifier
More results

Similar Description - TQM8M9074_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQM8M9077 QORVO-TQM8M9077 Datasheet
451Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9076 TRIQUINT-TQM8M9076 Datasheet
904Kb / 10P
   0.05-4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077_15 Datasheet
451Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM8M9076 TRIQUINT-TQM8M9076_15 Datasheet
335Kb / 8P
   0.05 to 4 GHz Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com