Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQF9089 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQF9089
Description  Quad-Band WCDMA/LTE/GPRS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQF9089 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQF9089_15 Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Advanced Data Sheet: Rev D July 2013
- 1 of 19-
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
QUANTUM Tx™ Quad-Band WCDMA/LTE/GPRS
SP8T Transmit Module TQF9089
Applications
Functional Block Diagram
GSM/GPRS/WCDMA/LTE Handsets and Modems
GPRS Class 12 Compatible
SP8T
LB
Logic &
Power
Control
1
2
3
4
5
6
7
8
9
10
HB
20
19
18
17
16
15
14
13
12
11
RFIN_LB
NC
VBS2
TXEN
VRAMP
VBS3
VBS1
NC
NC
RFIN_HB
ANT
VBATT
GND
RX1
RX2
TRX1
TRX2
TRX3
TRX4
GND
Product Features
Ultra Compact Size – 5.0x6.0x1.0mm.
High System Efficiency –
- GSM850/900 50% ,
- DCS/PCS
43%
Integrated Power and SP8T Control
Integrated SP8T Switch with four WCDMA/LTE Tx/Rx
Ports
Free choice of Rx ports for band selection
Integrated Low Pass Tx Harmonics Filter
Positive Supply Voltage 3.0 to 4.5 V.
50 Ω Input and Output Impedances.
CMOS Compatible Module Control Inputs.
High-Reliability InGaP HBT Technology
Ruggedness 20:1
260°C RoHS compliant
General Description
Pin Out & Assignments
The advanced Quad-Band (Broadband Tx) Transmit Module
designed for WCDMA/GSM mobile handset applications
provides full RF transmit functionality in a size of only
30 mm2. The GSM850/900 and DCS/PCS power amplifier
blocks including power control are combined with a low
insertion loss switch, Tx harmonics filtering, integrated switch
decoder, two Rx ports, four TRx ports, and ESD protection.
This architecture eliminates the need for any PA-to-switch
design effort for phone designers. Up to four bands of
WCDMA or LTE operation is supported by TRx ports and both
Tx and TRx ports are frequency independent, allowing flexible
routing to the transceiver. The QUANTUM TxTM module
supports GPRS class 12 operation and provides 50 Ohms input
and output impedances at all RF input and output ports. The
module control inputs are CMOS compatible and have no need
for an external reference voltage. With excellent efficiency
performance in each band, the power amplifier and switch
module contributes to overall talk-time targets in next
generation mobile handset designs.
Pin#
Pin Name
Function
1
LB_IN
GSM 850/900 RF Input
2
NC
Not Connected
3
VBS2
Digital Control Signal
4
TX_EN
Digital Control Signal
5
VRAMP
DAC Control Signal
6
VBS3
Digital Control Signal
7
VBS1
Digital Control Signal
8
NC
Not Connected
9
NC
Not Connected
10
HB_IN
DCS1800/PCS1900 RF Input
11
VBATT
Battery Supply Voltage
12
GND
Ground
13
RX1
RX1 Output
14
RX2
RX2 Output
15
TRX1
TRX1 Output
16
TRX2
TRX2 Output
17
TRX3
TRX3 Output
18
TRX4
TRX4 Output
19
GND
Ground
20
ANT
Antenna port
21
GND
Ground


Similar Part No. - TQF9089_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQF9088 TRIQUINT-TQF9088_15 Datasheet
286Kb / 1P
   Dual-Band WCDMA/LTE/GPRS SP6T
More results

Similar Description - TQF9089_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQF9088 TRIQUINT-TQF9088_15 Datasheet
286Kb / 1P
   Dual-Band WCDMA/LTE/GPRS SP6T
logo
Skyworks Solutions Inc.
SKY78027-12 SKYWORKS-SKY78027-12 Datasheet
105Kb / 2P
   Multimode Multiband Tx Front-End Module for Quad-Band GSM/GPRS/EDGE - WCDMA/HSPA/HSPA /LTE/CDMA
logo
EPCOS
B7920 EPCOS-B7920 Datasheet
143Kb / 15P
   SAW Duplexer WCDMA / LTE Band XI
B7676 EPCOS-B7676 Datasheet
189Kb / 14P
   SAW Duplexer WCDMA/LTE Band IX
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
   Quad-band GSM/GPRS Module
logo
Skyworks Solutions Inc.
SKY78011-21 SKYWORKS-SKY78011-21 Datasheet
88Kb / 2P
   Multiband Multimode Front-End Module for Quad-Band GSM / GPRS / EDGE - Penta-Band (Bands I, II, III, V, VIII) WCDMA / HSPA / HSPA / LTE
SKY77360-12A SKYWORKS-SKY77360-12A Datasheet
81Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE / TD-SCDMA / TDD LTE
logo
ANADIGICS, Inc
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
   HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
AWT6638 ANADIGICS-AWT6638 Datasheet
814Kb / 13P
   HELP3DC (Band 8) LTE/WCDMA Linear PA Module
ALT6526 ANADIGICS-ALT6526 Datasheet
779Kb / 17P
   Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com