Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQC9312 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQC9312
Description  3.3 ??3.8 GHz W Digital Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQC9312 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQC9312_15 Datasheet HTML 1Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 2Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 3Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 4Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 5Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 6Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 7Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 8Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TQC9312
3.3 – 3.8 GHz ½
 W Digital Variable Gain Amplifier
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
VCC (pins 8, 14, 28)
+4.75
+5.0
+5.25
V
Case Temperature
−40
+85
°C
Tj (for>106 hours MTTF)
170
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 to +150°C
RF Input Power, 50Ω,T = 25°C
+23 dBm
VDD, Power Supply Voltage
+5.5 V
Digital Input Voltage
VCC+0.5V
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions:
VCC=+5 V, VCC-SPI = +5V, Temp= +25°C,
50Ω system, Maximum Gain State
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
3300
3800
MHz
Test Frequency
3500
MHz
Gain
37
40
43
dB
Gain Control Range
0.5 dB Step Size
31.5
dB
Attenuation Accuracy
3 wire SPI, major states
± (0.5 + 8% of Atten. Setting) Max
dB
Control Interface
3-wire SPI
6
Bits
Input Return Loss
15
dB
Output Return Loss
17.4
dB
Output P1dB
+27.8
dBm
Output IP3
Pout =+11 dBm
/tone, ∆f=1MHz
+39
+44.5
dBm
Noise Figure
4
dB
I/O Impedance
50
Supply Voltage
AMP1, AMP2, AMP3
+5
V
Supply Current
220
285
320
mA
Thermal Resistance,
θjc
Module (junction to case)
20.5
°C/W
Datasheet: Rev C 12-04-1
- 2 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQC9312_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
TQC9311-PCB TRIQUINT-TQC9311-PCB Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
More results

Similar Description - TQC9312_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1008 TRIQUINT-QPA1008 Datasheet
1Mb / 19P
   2.7 ??3.8 GHz Variable Gain Driver Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com