Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQC9312 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQC9312
Description  3.3 ??3.8 GHz W Digital Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQC9312 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TQC9312_15 Datasheet HTML 1Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 2Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 3Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 4Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 5Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 6Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 7Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 8Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TQC9312
3.3 – 3.8 GHz ½
 W Digital Variable Gain Amplifier
Package Marking and Dimensions
Marking: Part number – TQC9312
Year/week code – YYWW CCCC
Assembly code– AaXXXX
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Except where noted, this part outline conforms to JEDEC standard MO-270, Issue B (Variation DAE) for extra thin profile, fine
pitch, internal stacking module (ISM).
3. Dimension and tolerance formats conform to ASME Y14.4M-1994.
4. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
5. Co-planarity applies to the exposed ground/thermal pad as well as the contact pins.
6. Package body length/width does not include plastic flash protrusion across mold parting line.
PCB Mounting Pattern
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. We
recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm (0.10”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
.10 C
2X
.10 C
2X
(1X) shape
0.10
C A B
(28X) 0.450x X 0.400y
0.10
C A B
GND/THERMAL PAD
5
.10 C
.08 C
SEATING PLANE
28X
5
6.0±0.1
6.0±0.1
2.10
2.10
5.35
28X 0.10
2.10
2.10
1.02±0.08
C
0.70
28X 0.70 Pitch
0.70
4
TERMINAL #1
IDENTIFIER
4
TERMINAL #1
IDENTIFIER
TQC9312
YYWW CCCC
AaXXXX
Datasheet: Rev C 12-04-1
- 8 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQC9312_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
TQC9311-PCB TRIQUINT-TQC9311-PCB Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
More results

Similar Description - TQC9312_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1008 TRIQUINT-QPA1008 Datasheet
1Mb / 19P
   2.7 ??3.8 GHz Variable Gain Driver Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com