Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQC0015 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQC0015
Description  High Isolation, Absorptive SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQC0015 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQC0015_15 Datasheet HTML 1Page - TriQuint Semiconductor TQC0015_15 Datasheet HTML 2Page - TriQuint Semiconductor TQC0015_15 Datasheet HTML 3Page - TriQuint Semiconductor TQC0015_15 Datasheet HTML 4Page - TriQuint Semiconductor TQC0015_15 Datasheet HTML 5Page - TriQuint Semiconductor TQC0015_15 Datasheet HTML 6Page - TriQuint Semiconductor TQC0015_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TQC0015
High Isolation, Absorptive SPDT Switch
Typical Performance
− TQC0015-PCB
Test conditions unless otherwise noted: VDD = +3.3 V, VCTRL = +1.8 V, VEN = 0 V, Temp=25°C, 50
Ω system
Parameter
Typical Value
Units
Frequency
1
2
3
GHz
Insertion Loss (1)
0.5
0.6
0.7
dB
RFC Port Return Loss
20
20
16
dB
RFC to RF1/RF2 Isolation
52
46
43
dB
RFC to RF1/RF2 Isolation (disabled)
49
43
40
dB
RF1 to RF2 Isolation
50
44
41
dB
Input P1dB
+36
+34
+28
dBm
Input IP3 (2)
+56
+56
+56
dBm
Notes:
1. Values are insertion loss from device input pin to device output pin. Eval board RF I/O line losses have been subtracted.
2. IIP3 measured with two tones at an input power of +15
 dBm / tone separated by 1 MHz.
Performance Plots
− TQC0015-PCB
Test conditions unless otherwise noted: VDD
 = +3.3 V, VCTRL = +1.8 V, VEN = 0 V, Temp=25 °C, 50 Ω system
-30
-20
-10
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
RFC Return Loss vs. Frequency
+85°C
+25°C
−40°C
-30
-20
-10
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
RF1 Return Loss vs. Frequency
+85°C
+25°C
−40°C
+85°C
+25°C
−40°C
Disabled
Enabled
-30
-20
-10
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
RF2 Return Loss vs. Frequency
+85°C
+25°C
−40°C
+85°C
+25°C
−40°C
Disabled
Enabled
-4
-3
-2
-1
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Insertion Loss vs. Frequency
+85°C
+25°C
−40°C
-70
-60
-50
-40
-30
-20
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
RFC to RF1/RF2 Isolation vs. Frequency
+85°C
+25°C
−40°C
+85°C
+25°C
−40°C
Disabled
Enabled
-70
-60
-50
-40
-30
-20
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
RF1 to RF2 Isolation vs. Frequency
+85°C
+25°C
−40°C
+85°C
+25°C
−40°C
Disabled
Enabled
50
52
54
56
58
60
1
1.5
2
2.5
3
Frequency (GHz)
Input IP3 vs. Temperature
+85°C
+25°C
−40°C
RFC to RF2
26
28
30
32
34
36
38
1
1.5
2
2.5
3
Frequency (GHz)
Input P1dB vs. Frequency
+85°C
+25°C
−40°C
RFC to RF1
33
34
35
36
37
38
1
1.5
2
2.5
3
Frequency (GHz)
Input P1dB vs. Frequency
+85°C
+25°C
−40°C
RFC to RF2
Data Sheet Rev. H 09-17-14
- 4 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQC0015_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
TQC9112 TRIQUINT-TQC9112 Datasheet
276Kb / 1P
   GSM/WCDMA/LTE 10-Linear Throw SP12T GPIO Antenna
TQC9112 TRIQUINT-TQC9112_15 Datasheet
276Kb / 1P
   GSM/WCDMA/LTE 10-Linear Throw SP12T GPIO Antenna
TQC9305 TRIQUINT-TQC9305 Datasheet
880Kb / 9P
   0.7-3.6 GHz Digital Variable Gain Amplifier
More results

Similar Description - TQC0015_15

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
   Absorptive High Isolation SPDT Switch
logo
TriQuint Semiconductor
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
   SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
   0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
   SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
   0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
   GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
logo
TriQuint Semiconductor
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
   High Isolation Absorptive SPST Switch
logo
Honeywell Solid State E...
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
   SPDT Absorptive RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com