Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N31810M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N31810M
Description  Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 10M (33-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N31810M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N31810M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N31810M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(LC/ST), 10M (33-ft.)
MODEL NUMBER: N318-10M
Description
Tripp Lite's 10-meter multimode duplex fiber optic LC/ST patch cable is manufactured from 62.5/125 zipcord fiber. The cable has LC to ST connectors, a PVC
jacket and is FDDI and OFNR rated. Duplex multimode fiber is most commonly used in LAN applications.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 10-meters/Connectors: 2 LC/ST connectors on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Duplex multimode fiber is most commonly used in LAN applications where links are 10 feet or less
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
33
Highlights
Premium 62.5/125 duplex
(zipcord) fiber patch cable - 10 m
Ideal for LAN applications
Glass fiber composition
LC/ST connectors
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC/ST connectors
Package Includes
10-meter duplex MMF LC/ST
62.5/125 fiber cable
1 / 2


Similar Part No. - N31810M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N31815M TRIPPLITE-N31815M Datasheet
475Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 15M (50-ft.)
More results

Similar Description - N31810M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N318-10M TRIPPLITE-N318-10M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 10M (33-ft.)
N320-10M TRIPPLITE-N320-10M Datasheet
165Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 10M (33-ft.)
N32010M TRIPPLITE-N32010M Datasheet
491Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 10M (33-ft.)
N30210M TRIPPLITE-N30210M Datasheet
482Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 10M (33-ft)
N302-10M TRIPPLITE-N302-10M Datasheet
159Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (ST/ST), 10M (33-ft.)
N316-10M TRIPPLITE-N316-10M Datasheet
156Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 10M (33-ft.)
N30410M TRIPPLITE-N30410M Datasheet
492Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (SC-ST), 10M (33-ft)
N320-10M-RD TRIPPLITE-N320-10M-RD Datasheet
158Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC) - Red, 10M (33-ft.)
N304-10M TRIPPLITE-N304-10M Datasheet
164Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (SC/ST), 10M (33-ft.)
N32010MRD TRIPPLITE-N32010MRD Datasheet
479Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC) - Red, 10M (33-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com