Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD400R08MBV Datasheet(PDF) 4 Page - International Rectifier

Part # SD400R08MBV
Description  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD400R08MBV Datasheet(HTML) 4 Page - International Rectifier

  SD400R08MBV Datasheet HTML 1Page - International Rectifier SD400R08MBV Datasheet HTML 2Page - International Rectifier SD400R08MBV Datasheet HTML 3Page - International Rectifier SD400R08MBV Datasheet HTML 4Page - International Rectifier SD400R08MBV Datasheet HTML 5Page - International Rectifier SD400R08MBV Datasheet HTML 6Page - International Rectifier SD400R08MBV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SD400N/R Series
Outline Table
Conform to JEDEC DO-205AB (DO-9)
All dimensions in millimeters (inches)
CERAMIC HOUSING
MAX.
19 (0.75)
DIA. 8.5 (0.33) NOM.
DIA. 27.5 (1.08) MAX.
SW 32
* FOR METRIC DEVICE: M16 X 1.5
3/4"-16UNF-2A*
C.S. 35mm
4 (0.16) MAX.
2
(0.054 s.i.)
GLASS-METAL SEAL
MAX.
19 (0.75)
DIA. 8.5 (0.33) NOM.
DIA. 28.5 (1.08) MAX.
SW 32
* FOR METRIC DEVICE: M16 X 1.5
3/4-16UNF-2A*
C.S. 35mm
4 (0.16) MAX.
2
(0.054 s.i.)
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD400R08MBV

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
SD400R08PV AMMSEMI-SD400R08PV Datasheet
410Kb / 2P
   Technical Specifications
More results

Similar Description - SD400R08MBV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com