Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4821M24LC12 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N4821M24LC12
Description  100Gb-120Gb to 10Gb Breakout Cassette - 24-Fiber MTP-MPO to (x12) LC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N4821M24LC12 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N4821M24LC12 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N4821M24LC12 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100Gb/120Gb to 10Gb Breakout Cassette - 24-Fiber
MTP/MPO to (x12) LC
MODEL NUMBER: N482-1M24-LC12
Description
Tripp Lite's N482-1M24-LC12 is a High Density 100/120Gb to 10Gb Breakout Cassette, with (x12) LC
connections to a 24-Fiber MTP/MPO connection. For use with Tripp Lite's N482-01U and N482-02U High
Density Fiber Enclosure Panels; up to 5 cassettes per N482-01U, or up to 14 cassettes per N482-02U.
Installation is simple, with the cassette being easily installed or removed using push / pull tabs to lock or unlock it
from the panel; no tools required. Furthermore, each cassette features factory terminated connectors that reduce
the time and labor required of field connector terminations. Complies with IEEE 802.3ae (10GbE) and ANSI
T11.2 (Fibre Channel) requirements, with a maximum insertion loss of 0.35dB falling well under the IEEE
802.3ae maximum channel loss spec of <25dB. Constructed of heavy-duty steel housing.
Features
High Density Fiber Cassette for use with Tripp Lite N482-01U and N482-02U High Density Fiber Enclosure
Panels
100/120Gb to 10Gb Breakout Cassette, with (x12) LC connections to a 24-Fiber MTP/MPO connection
Installation is simple, with the cassette being easily installed or removed using push / pull tabs to lock or
unlock it from the panel; no tools required
Factory terminated connectors reduce the time and labor required of field connector terminations
Complies with IEEE 802.3ae (10GbE) and ANSI T11.2 (Fibre Channel) requirements
Max insertion loss of 0.35dB falls well under the IEEE 802.3ae maximum channel loss spec of <25dB
Constructed of heavy-duty steel housing
Specifications
OVERVIEW
Cable Type
Fiber
Highlights
High Density Fiber Cassette for
use with Tripp Lite N482-01U and
N482-02U High Density Fiber
Enclosure Panels
100/120Gb to 10Gb Breakout
Cassette, with (x12) LC
connections to a 24-Fiber
MTP/MPO connection
Factory terminated connectors
reduce the time and labor
required of field connector
terminations
Complies with IEEE 802.3ae
(10GbE) and ANSI T11.2 (Fibre
Channel) requirements
Max insertion loss of 0.35dB falls
well under the IEEE 802.3ae
maximum channel loss spec of
<25dB
Applications
High density network applications as
specified in the Data Center Cabling
Standard TIA 942 for cross connects
in main distribution, horizontal
distribution, and equipment
distribution areas
Package Includes
N482-1M24-LC12 100/120Gb to
10Gb Breakout Cassette -
24-Fiber MTP/MPO to (x12) LC
Quick Start Guide
1 / 2


Similar Part No. - N4821M24LC12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N482-00U TRIPPLITE-N482-00U Datasheet
169Kb / 2P
   High-Density Fiber Cassette Sleeve, 0U, 1-Cassette Capacity
N482-01U TRIPPLITE-N482-01U Datasheet
159Kb / 2P
   High Density Fiber Enclosure Panel, 1U, 5-Cassette Capacity
N482-02U TRIPPLITE-N482-02U Datasheet
161Kb / 2P
   High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
N482-04U TRIPPLITE-N482-04U Datasheet
166Kb / 2P
   Enclosure for 28 High-Density Fiber Cassettes, 4U
N482-12M12-X2 TRIPPLITE-N482-12M12-X2 Datasheet
168Kb / 2P
   40 GB Pass-Through Cassette, (x12) 12-Fiber MTP/MPO ( Female )
More results

Similar Description - N4821M24LC12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N482-1M24-LC12 TRIPPLITE-N482-1M24-LC12 Datasheet
169Kb / 3P
   100Gb/120Gb to 10Gb Breakout Cassette - 24-Fiber OM4 MTP/MPO ( Male with Pins ) to (x12) LC
N484-1M24-LC12 TRIPPLITE-N484-1M24-LC12 Datasheet
171Kb / 3P
   100Gb/120Gb to10Gb Breakout Cassette, 24-Fiber OM4 MTP/MPO ( Male with Pins ) to ( x12 ) LC Duplex
N484-12M24 TRIPPLITE-N484-12M24 Datasheet
167Kb / 2P
   100Gb/120Gb Pass-Through Cassette - (x12) 24-Fiber MTP/MPO ( Female )
N4822M246M12 TRIPPLITE-N4822M246M12 Datasheet
520Kb / 2P
   100Gb-120Gb to 40Gb Breakout Cassette - (x2) 24-Fiber MTP-MPO to (x6) 12-Fiber MTP-MPO
N4822M12LC12 TRIPPLITE-N4822M12LC12 Datasheet
530Kb / 2P
   40Gb to 10Gb Breakout Cassette - (x2) 12-Fiber MTP-MPO to (x12) LC
N4826M246M24 TRIPPLITE-N4826M246M24 Datasheet
517Kb / 2P
   100Gb-120Gb Pass-Through Cassette - (x6) 24-Fiber MTP-MPO
N482-2M12-LC12 TRIPPLITE-N482-2M12-LC12 Datasheet
171Kb / 3P
   40Gb to 10Gb Breakout Cassette - (x2) 12-Fiber OM4 MTP/MPO ( Male with Pins ) to (x12) LC
N484-2M24-6M12 TRIPPLITE-N484-2M24-6M12 Datasheet
170Kb / 3P
   100Gb/120Gb to 40Gb Breakout Cassette, (x2) 24-Fiber MTP/MPO ( Male with Pins ) to (x6) 12-Fiber MTP/MPO Male with Pins )
N482-6M24-6M24 TRIPPLITE-N482-6M24-6M24 Datasheet
164Kb / 2P
   100Gb/120Gb Pass-Through Cassette - (x6) 24-Fiber MTP/MPO ( Female )
N484-3M8-LC12 TRIPPLITE-N484-3M8-LC12 Datasheet
175Kb / 3P
   40/100Gb Breakout Cassette, 40Gb to 4 x 10Gb, 100Gb to 4 x 25Gb, (x3) 8-Fiber MTP/MPO to (x12) LC Duplex, Type-B Polarity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com