Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPD-010424-C20C80 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPD-010424-C20C80
Description  2 way Splitter Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPD-010424-C20C80 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPD-010424-C20C80_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-010424-C20C80_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-010424-C20C80_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPD-010424-C20C80_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2 way Splitter Transformer
5 MHz - 2400 MHz
Rev. V2
MAPD-010424-C20C80
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Insertion Loss:
Amplitude Balance:
Phase Balance:
Isolation:
Return Loss: Output
Return Loss: Input
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
5
604
1202
1801
2400
Frequency (MHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5
604
1202
1801
2400
Frequency (MHz)
-4
-3
-2
-1
0
1
2
3
4
5
604
1202
1801
2400
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
5
604
1202
1801
2400
Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
604
1202
1801
2400
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
5
604
1202
1801
2400
Frequency (MHz)


Similar Part No. - MAPD-010424-C20C80_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-010424-C20C80-V2 MA-COM-MAPD-010424-C20C80-V2 Datasheet
450Kb / 4P
   2 way Splitter Transformer
More results

Similar Description - MAPD-010424-C20C80_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-010424-C20C80-V2 MA-COM-MAPD-010424-C20C80-V2 Datasheet
450Kb / 4P
   2 way Splitter Transformer
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
   SPLITTER, 2-WAY
CX4024NL PULSE-CX4024NL Datasheet
197Kb / 2P
   RF SPLITTER, 2-WAY
CX4004LNL PULSE-CX4004LNL Datasheet
178Kb / 2P
   RF SPLITTER, 2-WAY
CX4005NL PULSE-CX4005NL Datasheet
194Kb / 2P
   RF SPLITTER, 2-WAY
CX4012LNL PULSE-CX4012LNL Datasheet
209Kb / 2P
   RF SPLITTER, 2-WAY
logo
PREMIER DEVICES, INC.
SPA-1002-27 PDI-SPA-1002-27 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-25 PDI-SPA-1001-25 Datasheet
50Kb / 1P
   SURFACE MOUNT 2-WAY SPLITTER
logo
Mini-Circuits
QCS-332++ MINI-QCS-332+ Datasheet
129Kb / 1P
   2 Way-90째 Power Splitter
QCS-722++ MINI-QCS-722+ Datasheet
130Kb / 1P
   2 Way-90 Power Splitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com