Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMG-001214-090PSM Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAMG-001214-090PSM
Description  L-Band 90 W 2-Stage Fully Matched GaN Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMG-001214-090PSM Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAMG-001214-090PSM_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMG-001214-090PSM_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L-Band 90 W 2-Stage Fully Matched GaN Module
Surface Mount Laminate Package
Rev. V2
MAMG-001214-090PSM
1
11
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
Features
 Compact Size (14x24 mm2)
 GaN on SiC D-Mode Transistor Technology
 Fully Matched, De-Coupled DC and RF
 Typical Bias: 45 V, Class AB
 Intended for Pulsed RADAR Applications
 Output Power > 90 W, with 30 dB Gain and 60%
Power Added Efficiency
 Up to 3 ms Pulse Width and 10% Duty Cycle
 MTTF = 600 years (TJ < 200°C)
 Thermally Enhanced Laminate LGA Package
 RoHS* Compliant. Lead Free Reflow Compatible
 MSL-3
Description
The MAMG-001214-090PSM is a 2-stage GaN
power module in a “True SMT” laminate package.
The module is fully matched. Under pulsed
conditions, it can deliver output power greater than
90 W, with 30 dB typical associated gain and 60%
typical power added efficiency.
Flexible design allows for gate and/or drain pulsing.
Additional features include a gate voltage sense port
for use in temperature compensation or pulse droop
compensation. The
overall package size is very
small, only 14x24 mm2. The module’s compact size,
combined with excellent RF performance makes this
product an ideal solution for pulsed RADAR
applications where low cost, light weight and small
size are the key.
Ordering Information1
Functional Schematic
Pin Configuration
Pin No.
Function
1
RF IN
2
VG 3
3
VD1
4
NC 4
5
VG sense 5
6
Ground
7
VD2
8
RF OUT
9
NC 4
Part Number
Package
MAMG-001214-090PSM
Bulk Packaging
MAMG-0T1214-090PSM
100 Piece Reel
MAMG-L21214-090PSM
Evaluation Board2
3. One common gate voltage for both stages in the module.
4. Do not connect.
5. Do not connect to ground if not used.
1. Reference Application Note M513 for reel size information.
2. Includes one module surface-mounted onto board.
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.


Similar Part No. - MAMG-001214-090PSM_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMG-001214-090PSM-V2 MA-COM-MAMG-001214-090PSM-V2 Datasheet
974Kb / 7P
   L-Band 90 W 2-Stage Fully Matched GaN Module
More results

Similar Description - MAMG-001214-090PSM_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMG-001214-090PSM-V2 MA-COM-MAMG-001214-090PSM-V2 Datasheet
974Kb / 7P
   L-Band 90 W 2-Stage Fully Matched GaN Module
MAMG-001214-090PSM MA-COM-MAMG-001214-090PSM Datasheet
959Kb / 7P
   L-Band 90 W 2-Stage Fully Matched GaN Module
MAMG-000912-090PSM MA-COM-MAMG-000912-090PSM Datasheet
1Mb / 6P
   960-1215 MHz 90 W 2-Stage GaN Module
logo
Ampleon Netherlands B.V...
CLL3H0914L-700 AMPLEON-CLL3H0914L-700 Datasheet
1Mb / 18P
   L-band internally pre-matched GaN-SiC HEMT
Rev. 1 - 15 July 2022
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
logo
Cree, Inc
CGHV14250 CREE-CGHV14250 Datasheet
1Mb / 11P
   250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
CGHV14500 CREE-CGHV14500 Datasheet
1Mb / 11P
   500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com